Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032C Datasheet (PDF) - STMicroelectronics

M59MR032C Datasheet PDF - STMicroelectronics
Part # M59MR032C
Download  M59MR032C Download
File Size   352.16 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory

M59MR032C Datasheet (PDF)

Go To PDF Page Download Datasheet
M59MR032C Datasheet PDF - STMicroelectronics

Part # M59MR032C
Download  M59MR032C Click to download

File Size   352.16 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory

M59MR032C Datasheet (HTML) - STMicroelectronics


M59MR032C Product details

DESCRIPTION
The M59MR032 is a 32 Mbit non-volatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 1.65V to 2.0V VDD supply for the circuitry. For Program and Erase operations the necessary high voltages are generated internally.

■ SUPPLY VOLTAGE
    – VDD = VDDQ = 1.65V to 2.0V for Program, Erase and Read
    – VPP = 12V for fast Program (optional)
■ MULTIPLEXED ADDRESS/DATA
■ SYNCHRONOUS / ASYNCHRONOUS READ
    – Configurable Burst mode Read
    – Page mode Read (4 Words Page)
    – Random Access: 100ns
■ PROGRAMMING TIME
    – 10µs by Word typical
    – Double Word Programming Option
■ MEMORY BLOCKS
    – Dual Bank Memory Array: 8 Mbit - 24 Mbit
    – Parameter Blocks (Top or Bottom location)
■ DUAL BANK OPERATIONS
    – Read within one Bank while Program or Erase within the other
    – No delay between Read and Write operations
■ BLOCK PROTECTION/UNPROTECTION
    – All Blocks protected at Power-up
    – Any combination of Blocks can be protected
■ COMMON FLASH INTERFACE (CFI)
■ 64 bit SECURITY CODE
■ ERASE SUSPEND and RESUME MODES
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M59MR032C: A4h
    – Bottom Device Code, M59MR032D: A5h




Similar Part No. - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
COMBINED SINGLE CHIP PCM CODEC AND FILTER
Dec-1993
M5913B1 STMICROELECTRONICS-M5913B1 Datasheet
220Kb / 17P
COMBINED SINGLE CHIP PCM CODEC AND FILTER
Dec-1993
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
1.2A charging 1 A discharging Highly integrated mobile power SOC
logo
Renesas Technology Corp
M59330P RENESAS-M59330P Datasheet
219Kb / 11P
LAN Transceiver
M59350FP RENESAS-M59350FP Datasheet
111Kb / 9P
Watchdog Timer IC with Built-in 5 V Constant-Voltage Power Supply
More results


Similar Description - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Sep-2002
M58MR016C STMICROELECTRONICS-M58MR016C Datasheet
389Kb / 51P
16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
07-Mar-2002
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
18-Nov-2004
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
17-Dec-2004
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
22-Apr-2003
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com