Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032C Datasheet(PDF) 3 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 3 Page - STMicroelectronics

  M59MR032C Datasheet HTML 1Page - STMicroelectronics M59MR032C Datasheet HTML 2Page - STMicroelectronics M59MR032C Datasheet HTML 3Page - STMicroelectronics M59MR032C Datasheet HTML 4Page - STMicroelectronics M59MR032C Datasheet HTML 5Page - STMicroelectronics M59MR032C Datasheet HTML 6Page - STMicroelectronics M59MR032C Datasheet HTML 7Page - STMicroelectronics M59MR032C Datasheet HTML 8Page - STMicroelectronics M59MR032C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3/49
M59MR032C, M59MR032D
Figure 3. µBGA Connections (Top view through package)
AI90111
VDDQ
ADQ10
ADQ11
ADQ4
ADQ5
VSS
ADQ14
ADQ15
H
ADQ9
ADQ2
ADQ3
ADQ6
ADQ7
VSS
G
A18
WP
RP
BINV
L
A20
A16
VDDQ
F
A19
VPP
W
VDD
K
WAIT
E
8
7
6
5
4
3
2
1
ADQ1
ADQ8
E
A17
ADQ0
G
10
9
ADQ13
ADQ12
VSS
VSS
D
C
B
A
DU
DU
DU
DU
12
11
DU
DU
DU
DU
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com