Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032C Datasheet(PDF) 13 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M59MR032C Datasheet HTML 9Page - STMicroelectronics M59MR032C Datasheet HTML 10Page - STMicroelectronics M59MR032C Datasheet HTML 11Page - STMicroelectronics M59MR032C Datasheet HTML 12Page - STMicroelectronics M59MR032C Datasheet HTML 13Page - STMicroelectronics M59MR032C Datasheet HTML 14Page - STMicroelectronics M59MR032C Datasheet HTML 15Page - STMicroelectronics M59MR032C Datasheet HTML 16Page - STMicroelectronics M59MR032C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13/49
M59MR032C, M59MR032D
Auto Select (AS) Instruction. This instruc-
tion uses two Coded Cycles followed by one write
cycle giving the command 90h to address 555h for
command set-up. A subsequent read will output
the Manufacturer or the Device Code (Electronic
Signature), the Block Protection status or the Con-
figuration Register status depending on the levels
of ADQ0 and ADQ1 (see Tables 9, 10 and 11).
The Electronic Signature can be read from the
memory allowing programming equipment or ap-
plications to automatically match their interface to
the characteristics of M59MR032. The Manufac-
turer Code is output when the address lines ADQ0
and ADQ1 are at VIL, the Device Code is output
when ADQ0 is at VIH with ADQ1 at VIL.
The codes are output on ADQ0-ADQ7 with ADQ8-
ADQ15 at 00h. The AS instruction also allows the
access to the Block Protection Status. After giving
the AS instruction, ADQ0 is set to VIL with ADQ1
at VIH, while A12-A20 define the address of the
block to be verified (see Table 10). The AS Instruc-
tion finally allows the access to the Configuration
Register status if both ADQ0 and ADQ1 are set to
VIH; refer to Table 12 for configuration register de-
scription.
A reset command puts the device in Read Array
mode.
Write Configuration Register (CR) Instruc-
tion. This instruction uses two Coded Cycles fol-
lowed by one write cycle giving the command 60h
to address 555h. A further write cycle giving the
command 03h writes the contents of address bits
ADQ0-ADQ15 to bits CR15-CR0 of the configura-
tion register. At Power-up the Configuration Reg-
ister is set to asynchronous Read mode, Power-
down disabled and bus invert (power save func-
tion) disabled.
A description of the effects of each configuration
bit is given in Table 12.
Table 12. Read Configuration Register (AS and Read CFI instructions)
Configuration Register
Function
CR15
Read mode
0 = Burst mode read
1 = Page mode read (default)
CR14
Bus Invert configuration (power save)
0 = disabled (default)
1 = enabled
CR13-CR11
X-Latency
010 = 2 clock latency
011 = 3 clock latency
100 = 4 clock latency
101 = 5 clock latency
110 = 6 clock latency
CR10
Power-down configuration
0 = power-down disabled (default)
1 = power-down enabled
CR9
Data hold configuration
0 = data output at every clock cycle
1 = data output every 2 clock cycles
CR8
Wait configuration
0 = WAIT is active during wait state
1 = WAIT is active one data cycle before wait state
CR7
Burst order configuration
0 = Interleaved
1 = Linear
CR6
Clock configuration
0 = Address latched and data output on the falling clock edge.
1 = Address latched and data output on the rising clock edge.
CR5-CR3
Reserved
CR2-CR0
Burst length
001 = 4 word burst length
010 = 8 word burst length
111 = Continuous burst mode (requires CR7 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com