Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032C Datasheet(PDF) 4 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 4 Page - STMicroelectronics

  M59MR032C Datasheet HTML 1Page - STMicroelectronics M59MR032C Datasheet HTML 2Page - STMicroelectronics M59MR032C Datasheet HTML 3Page - STMicroelectronics M59MR032C Datasheet HTML 4Page - STMicroelectronics M59MR032C Datasheet HTML 5Page - STMicroelectronics M59MR032C Datasheet HTML 6Page - STMicroelectronics M59MR032C Datasheet HTML 7Page - STMicroelectronics M59MR032C Datasheet HTML 8Page - STMicroelectronics M59MR032C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
M59MR032C, M59MR032D
4/49
Table 1. Signal Names
A16-A20
Address Inputs
ADQ0-ADQ15
Data Input/Outputs or Address
Inputs, Command Inputs
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset/Power-down
WP
Write Protect
K
Burst Clock
L
Latch Enable
WAIT
Wait Data in Burst Mode
BINV
Bus Invert
VDD
Supply Voltage
VDDQ
Supply Voltage for Input/Output
Buffers
VPP
Optional Supply Voltage for
Fast Program & Erase
VSS
Ground
DU
Don’t Use as Internally Connected
DESCRIPTION
The M59MR032 is a 32 Mbit non-volatile Flash
memory that may be erased electrically at block
level and programmed in-system on a Word-by-
Word basis using a 1.65V to 2.0V VDD supply for
the circuitry. For Program and Erase operations
the necessary high voltages are generated inter-
nally. The device supports synchronous burst read
and asynchronous page mode read from all the
blocks of the memory array; at power-up the de-
vice is configured for page mode read. In synchro-
nous burst mode, a new data is output at each
clock cycle for frequencies up to 54MHz.
The array matrix organization allows each block to
be erased and reprogrammed without affecting
other blocks. All blocks are protected against pro-
gramming and erase at Power-up. Blocks can be
unprotected to make changes in the application
and then reprotected.
Instructions for Read/Reset, Auto Select, Write
Configuration
Register,
Programming,
Block
Erase, Bank Erase, Erase Suspend, Erase Re-
sume, Block Protect, Block Unprotect, Block Lock-
ing, CFI Query, are written to the memory through
a Command Interface (C.I.) using standard micro-
processor write timings.
The memory is offered in LFBGA54 and µBGA46,
0.5 mm ball pitch packages and it is supplied with
all the bits erased (set to ’1’).
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Depends on range.
3. Minimum Voltage may undershoot to –2V during transition and for less than 20ns.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (2)
–40 to 85
°C
TBIAS
Temperature Under Bias
–40 to 125
°C
TSTG
Storage Temperature
–55 to 155
°C
VIO
(3)
Input or Output Voltage
–0.5 to VDDQ+0.5
V
VDD, VDDQ
Supply Voltage
–0.5 to 2.7
V
VPP
Program Voltage
–0.5 to 13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com