Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032C Datasheet(PDF) 14 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M59MR032C Datasheet HTML 10Page - STMicroelectronics M59MR032C Datasheet HTML 11Page - STMicroelectronics M59MR032C Datasheet HTML 12Page - STMicroelectronics M59MR032C Datasheet HTML 13Page - STMicroelectronics M59MR032C Datasheet HTML 14Page - STMicroelectronics M59MR032C Datasheet HTML 15Page - STMicroelectronics M59MR032C Datasheet HTML 16Page - STMicroelectronics M59MR032C Datasheet HTML 17Page - STMicroelectronics M59MR032C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
M59MR032C, M59MR032D
14/49
Table 13. X-Latency Configuration
Note: 1. Configuration codes 5 and 6 may be used only in conjunction with configuration bit CR9 set at “1” (one data every 2 clock cycles).
Configuration Code
Input Frequency
100ns
120ns
2
25MHz
20MHz
3
40MHz
30MHz
4
54MHz
40MHz
5 (1)
66MHz
50MHz
6 (1)
–
60MHz
Figure 5. X-Latency Configuration Sequence
AI90113
A16-A20
VALID ADDRESS
K
L
ADQ0-ADQ15
VALID ADDRESS
VALID DATA
VALID DATA
ADQ0-ADQ15
VALID ADDRESS
VALID DATA
ADQ0-ADQ15
VALID ADDRESS
VALID DATA
VALID DATA
VALID DATA
CONFIGURATION CODE 6
CONFIGURATION CODE 3
CONF. CODE 2
– Read mode (CR15). The device supports an
asynchronous page mode and a synchronous
burst mode. In asynchronous page mode, the
default at power-up, data is internally read and
stored in a buffer of 4 words selected by ADQ0
and ADQ1 address inputs. In synchronous burst
mode, the device latches the starting address
and then outputs a sequence of data which de-
pends on the configuration register settings.
– Bus Invert configuration (CR14). This regis-
ter bit is used to enable the BINV pin functional-
ity.
BINV
functionality
depends
upon
configuration bits CR14 and CR15 (see Table
12 for configuration bits definition) as shown in
Table 14.
As output pin BINV is active only when enabled
(CR14 = 1) in Read Array burst mode (CR15 = 0).
As input pin BINV is active only when enabled
(CR14 = 1). BINV is ignored when ADQ0-
ADQ15 lines are used as address inputs (ad-
dresses must not be inverted).
Table 14. BINV Configuration Bits
CR15
CR14
BINV
IN
OUT
0
0X0
0
1
Active
Active
1
0X0
1
1
Active
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com