Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP220 Datasheet (PDF) - Altera Corporation

EP220 Datasheet PDF - Altera Corporation
Part # EP220
Download  EP220 Download
File Size   398.89 Kbytes
Page   16 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Classic EPLDs

EP220 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP220 Datasheet PDF - Altera Corporation

Part # EP220
Download  EP220 Click to download

File Size   398.89 Kbytes
Page   16 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Classic EPLDs

EP220 Datasheet (HTML) - Altera Corporation


EP220 Product details

General Description
The EPROM-based EP220 and EP224 devices feature a flexible I/O architecture and implement 150 usable (300 available) gates of custom user logic functions. EP220 and EP224 devices can be used as upgrades for high-speed bipolar programmable logic devices (PLDs) or for 74-series LS and CMOS (SSI and MSI) logic devices in high-performance microcomputer systems.

Features
■ High-performance, low-power Erasable Programmable Logic Devices (EPLDs) with 8 macrocells
    – Combinatorial speeds as low as 7.5 ns
    – Counter frequencies of up to 100 MHz
    – Pipelined data rates of up to 115 MHz
    – Maximum 5.5-ns Clock-to-output time; minimum 4.5-ns setup time
■ Replacement or upgrade for 16V8/20V8 PAL and GAL devices
■ Up to 18 inputs (10 dedicated inputs) in EP220, 22 inputs (14 dedicated inputs) in EP224; up to 8 outputs in both EP220 and EP224
■ Macrocells independently programmable for both registered and combinatorial logic
■ Programmable inversion control supporting active-high or activelow outputs
■ Low power consumption
    – Typical ICC = 90 mA at 25 MHz (for -7A speed grades)
    – Quarter-power mode (ICC = 40 mA)
    – Programmable zero-power mode with typical ICC = 50 µA (for -10A and -12 speed grades)
■ Programmable Security Bit for total protection of proprietary designs
■ Low output skew for Clock driver applications
■ 100% generically tested to provide 100% programming yield
■ Software and programming support from Altera and a wide range of third-party tools
■ Available in windowed ceramic and one-time-programmable (OTP) plastic packages
    – 20-pin plastic J-lead package (PLCC)
    – 20-pin ceramic and plastic dual in-line packages (CerDIP and PDIP)
    – 24-pin PDIP
    – 28-pin PLCC




Similar Part No. - EP220

ManufacturerPart #DatasheetDescription
logo
NEC
EP2 NEC-EP2 Datasheet
926Kb / 7P
Miniature Relays
logo
Veris. All Rights Reser...
EP2 VERIS-EP2 Datasheet
523Kb / 2P
Pressure Monitoring
logo
SAB North America
EP2-11 SAB-EP2-11 Datasheet
233Kb / 1P
EMC Grounding Cable Glands
EP2-11L SAB-EP2-11L Datasheet
233Kb / 1P
EMC Grounding Cable Glands
EP2-13 SAB-EP2-13 Datasheet
233Kb / 1P
EMC Grounding Cable Glands
More results


Similar Description - EP220

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
128-Macrocell MAX EPLDs
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
Multiple Array Matrix High-Density EPLDs
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
Adapter - EM RI-ADAPTER CLASSIC
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
BT 2025 Classic V2
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com