Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT2025 Datasheet (PDF) - List of Unclassifed Manufacturers

BT2025 Datasheet PDF - List of Unclassifed Manufacturers
Part # BT2025
Download  BT2025 Download
File Size   699.33 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description BT 2025 Classic V2

BT2025 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT2025 Datasheet PDF - List of Unclassifed Manufacturers

Part # BT2025
Download  BT2025 Click to download

File Size   699.33 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description BT 2025 Classic V2

BT2025 Datasheet (HTML) - List of Unclassifed Manufacturers


BT2025 Product details

TECHNICAL DESCRIPTION
• High brightness SMD LED display.
• Viewing angle of 160°.
• Perfect visibility under all lighting conditions.
• Luminosity adjustment from the keyboard.
• Offi cial time display with radio synchronisation (FI or DCF) in option.
• Optional advertising panels on all models.
• Mounting with 2 feet to be sealed with bars of reinforcement in case of advertising panels or in very
windy areas.
• Aluminium casing with shockproof protective glass.
• Waterproof casing for outdoor use.
• Scoreboard power supply 110/240V 50/60 Hz.
• Consumption : 30W.
• Operating temperature from -20° to 50°C.




Similar Part No. - BT2025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2025BH ETC1-BT2025BH Datasheet
79Kb / 1P
Stereo Amplifier
More results


Similar Description - BT2025

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
TRIAD MAGNETICS
CMT908-V2 TRIAD-CMT908-V2 Datasheet
43Kb / 1P
CMT908-V2
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
DOMINANT Semiconductors
J1W-PZHY DOMINANT-J1W-PZHY Datasheet
1Mb / 15P
NagaJo 2025
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8DAT WALSIN-RFLPF10051G8DAT Datasheet
551Kb / 7P
1710 ~ 2025 MHz Working Frequency
logo
PHOENIX CONTACT
1790487 PHOENIX-1790487 Datasheet
95Kb / 3P
FFKDSA1/V2-7,62
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com