Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02 Datasheet (PDF) - STMicroelectronics

M24M02 Datasheet PDF - STMicroelectronics
Part # M24M02
Download  M24M02 Download
File Size   1005.45 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-Mbit serial I²C bus EEPROM

M24M02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M24M02 Datasheet PDF - STMicroelectronics

Part # M24M02
Download  M24M02 Click to download

File Size   1005.45 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-Mbit serial I²C bus EEPROM

M24M02 Datasheet (HTML) - STMicroelectronics


M24M02 Product details

Features
• Compatible with following I2C bus modes:
– 1 MHz
– 400 kHz
– 100 kHz
• Memory array:
– 2 Mbit (256 Kbyte) of EEPROM
– Page size: 256 byte
– Additional write lockable page (M24M02-DR order codes)
• Single supply voltage:
– 1.8 V to 5.5 V over –40 °C / +85 °C
• Write time:
– Byte write within 10 ms
– Page write within 10 ms
• Random and sequential read modes
• Write protect of the whole memory array
• Enhanced ESD/latch-Up protection
• More than 4 million write cycles
• More than 200-years data retention
• Packages:
– SO8N ECOPACK2
– WLCSP ECOPACK2
– Unsawn wafer (each die is tested)
– RoHS compliant and halogen-free (ECOPACK2)




Similar Part No. - M24M02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
08-Sep-2015
M24M02-BRCS6TG STMICROELECTRONICS-M24M02-BRCS6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRCS6TP STMICROELECTRONICS-M24M02-BRCS6TP Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRMN6TG STMICROELECTRONICS-M24M02-BRMN6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRMN6TP STMICROELECTRONICS-M24M02-BRMN6TP Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
More results


Similar Description - M24M02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA128 MICROCHIP-24AA128 Datasheet
185Kb / 12P
128K I 2 C ??CMOS Serial EEPROM
1998
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
4K 5.0V I 2 C ??Serial EEPROM
2004
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
M24M02-DR STMICROELECTRONICS-M24M02-DR Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M95M02-A125 STMICROELECTRONICS-M95M02-A125 Datasheet
712Kb / 39P
Automotive 2 Mbit serial SPI bus EEPROM
July 2015 Rev 5
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24M01-R STMICROELECTRONICS-M24M01-R_V01 Datasheet
832Kb / 47P
1-Mbit serial I²C bus EEPROM
23-Oct-2017
M95M02-DR STMICROELECTRONICS-M95M02-DR_V01 Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com