Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA128 Datasheet (PDF) - Microchip Technology

24AA128 Datasheet PDF - Microchip Technology
Part # 24AA128
Download  24AA128 Download
File Size   185.68 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K I 2 C ??CMOS Serial EEPROM

24AA128 Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA128 Datasheet PDF - Microchip Technology

Part # 24AA128
Download  24AA128 Click to download

File Size   185.68 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K I 2 C ??CMOS Serial EEPROM

24AA128 Datasheet (HTML) - Microchip Technology


24AA128 Product details

Description:
The Microchip Technology Inc. 24AA128/24LC128/24FC128 (24XX128*) is a 16K x 8 (128 Kbit) Serial Electrically Erasable PROM (EEPROM), capable of operation across a broad voltage range (1.7V to 5.5V). It has been developed for advanced, low-power applications such as personal communications or data acquisition. This device also has a page write capability of up to 64 bytes of data. This device is capable of both random and sequential reads up to the 128K boundary. Functional address lines allow up to eight devices on the same bus, for up to 1 Mbit address space. This device is available in the standard 8-pin plastic DIP, SOIC (3.90 mm and 5.28 mm), TSSOP, MSOP, DFN, TDFN and Chip Scale packages.

Features:
• Single Supply with Operation down to 1.7V for
   24AA128/24FC128 devices, 2.5V for 24LC128
   Devices
• Low-Power CMOS Technology:
   - Write current 3 mA, typical
   - Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• 1 MHz Clock for FC Versions
• Page Write Time 5 ms, typical
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
   DFN, TDFN, MSOP, and Chip Scale Packages
• Pb-Free and RoHS Compliant
• Temperature Ranges:
   - Industrial (I): -40°C to +85°C
   - Automotive (E): -40°C to +125°C




Similar Part No. - 24AA128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA128 MICROCHIP-24AA128 Datasheet
450Kb / 26P
128K I2C CMOS Serial EEPROM
2004
24AA128 MICROCHIP-24AA128 Datasheet
618Kb / 32P
128K I2C??CMOS Serial EEPROM
2009
24AA128 MICROCHIP-24AA128 Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128 Datasheet
361Kb / 26P
128K I2C CMOS Serial EEPROM
12/08/06
24AA128 MICROCHIP-24AA128 Datasheet
952Kb / 38P
128K I2C CMOS Serial EEPROM
01/05/10
More results


Similar Description - 24AA128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256 MICROCHIP-24AA256 Datasheet
181Kb / 12P
256K I 2 C CMOS Serial EEPROM
1998
24AA64 MICROCHIP-24AA64 Datasheet
215Kb / 12P
64K I 2 C ??CMOS Serial EEPROM
2007
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
128K I2C CMOS Serial EEPROM
2004
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
128K I2C CMOS Serial EEPROM
2007
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
128K I2C CMOS Serial EEPROM
01/05/10
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
CMOS 128K 2-Wire Serial EEPROM
March 12, 2015
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com