Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS24C128B Datasheet (PDF) - Integrated Silicon Solution, Inc

IS24C128B Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS24C128B
Download  IS24C128B Download
File Size   482.47 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K-bit 2-WIRE SERIAL CMOS EEPROM

IS24C128B Datasheet (PDF)

Go To PDF Page Download Datasheet
IS24C128B Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS24C128B
Download  IS24C128B Click to download

File Size   482.47 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K-bit 2-WIRE SERIAL CMOS EEPROM

IS24C128B Datasheet (HTML) - Integrated Silicon Solution, Inc


IS24C128B Product details

DESCRIPTION

The IS24C128B is an electrically erasable PROM device that uses the standard 2-wire interface for communications. The IS24C128B is 128K-bit (16Kx8). These EEPROM are offered in a wide operating voltage range of 1.8V to 5.5V to be compatible with most application voltages. ISSI designed the IS24C128B to be an effcient 2-wire EEPROM solution. The devices are offered in lead free, RoHS, halogen free or Green. The available package types are 8-pin SOIC (JEDEC) and TSSOP.



FEATURES

•  Two-Wire Serial Interface, I2CTM compatible

– Bi-directional data transfer protocol

•  Wide Voltage Operation

– Vcc = 1.8V to 5.5V

•   400 KHz (1.8V) and 1 MHz (5.0V) compatibility

•   128K-bit memory

•  Low Power CMOS Technology

– Active Current less than 3 mA (1.8V)

– Standby Current less than 15 µA (1.8V)

•  Hardware Data Protection

– Write Protect Pin

•  Sequential Read Feature

•  Filtered Inputs for Noise Suppression

•  Self time write cycle with auto clear

– 5 ms @ 1.8V

•   Memory Organization:

–16Kx8 (256 pages of 64 bytes)

•  64-Byte Page Write Buffer

•  High Reliability

– Endurance: 1,000,000 Cycles

– Data Retention: 40 Years

•  Industrial temperature range

•  Packages: SOIC/SOP (JEDEC) and TSSOP




Similar Part No. - IS24C128B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128 Datasheet
53Kb / 12P
131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-2 ISSI-IS24C128-2 Datasheet
53Kb / 12P
131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3 ISSI-IS24C128-3 Datasheet
53Kb / 12P
131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3G ISSI-IS24C128-3G Datasheet
53Kb / 12P
131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3GI ISSI-IS24C128-3GI Datasheet
53Kb / 12P
131,072-bit 2-WIRE SERIAL CMOS EEPROM
More results


Similar Description - IS24C128B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
2-Wire 8912-Bit Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
Integrated Silicon Solu...
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
128K-Bit I2C Serial CMOS EEPROM
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
128K-Bit I2C Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
CMOS 128K 2-Wire Serial EEPROM
March 12, 2015
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com