Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS24C32C Datasheet (PDF) - Integrated Silicon Solution, Inc

IS24C32C Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS24C32C
Download  IS24C32C Download
File Size   187.67 Kbytes
Page   20 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K-bit 2-WIRE SERIAL CMOS EEPROM

IS24C32C Datasheet (PDF)

Go To PDF Page Download Datasheet
IS24C32C Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS24C32C
Download  IS24C32C Click to download

File Size   187.67 Kbytes
Page   20 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K-bit 2-WIRE SERIAL CMOS EEPROM

IS24C32C Datasheet (HTML) - Integrated Silicon Solution, Inc


IS24C32C Product details

DESCRIPTION
The IS24C32C is electrically erasable PROM devices that use the standard 2-wire interface for communications. The IS24C32C contains a memory array of 32K-bits (4K x 8). Each device is organized into 32 byte pages for page write mode.

FEATURES
• Two-Wire Serial Interface, I2CTM Compatible
    – Bi-directional data transfer protocol
• Wide Voltage Operation
    – Vcc = 1.8V to 5.5V
• 400 KHz (2.5V) and 1MHz (5.0V) Compatible
• Low Power CMOS Technology
    – Standby Current: 1 µA or less (1.8V)
    – Read Current: 2 mA or less (5.0V)
    – Write Current: 3 mA or less (5.0V)
• Hardware Data Protection
    – protects entire array
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• Self time write cycle with auto clear 5 ms max.@ 2.5V
• Organization:
    – 4Kx8 (128 pages of 32 bytes)
• 32 Byte Page Write Buffer
• High Reliability
    – Endurance: 1,000,000 Cycles
    – Data Retention: 100 Years
• Automotive and Industrial temperature ranges
• 8-pin PDIP, 8-pin SOIC, 8-pin SOP, 8-pin TSSOP, 8-pad DFN, and 8-pin MSOP packages
• Lead-free Available




Similar Part No. - IS24C32C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32-2 ISSI-IS24C32-2 Datasheet
81Kb / 11P
65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32-3 ISSI-IS24C32-3 Datasheet
81Kb / 11P
65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GI ISSI-IS24C32A-2GI Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GLI ISSI-IS24C32A-2GLI Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Similar Description - IS24C32C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
262,144-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
2-Wire 8912-Bit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
32K-Bit I2C Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
CMOS 32K 2-Wire Serial EEPROM
March 16, 2006
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC32 HOLTEK-HT24LC32_14 Datasheet
2Mb / 12P
CMOS 32K 2-Wire Serial EEPROM
January 16, 2014
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com