Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS24C128 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS24C128 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS24C128
Download  IS24C128 Download
File Size   53.2 Kbytes
Page   12 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 131,072-bit 2-WIRE SERIAL CMOS EEPROM

IS24C128 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS24C128 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS24C128
Download  IS24C128 Click to download

File Size   53.2 Kbytes
Page   12 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 131,072-bit 2-WIRE SERIAL CMOS EEPROM

IS24C128 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS24C128 Product details

DESCRIPTION
The IS24C128 is an electrically erasable PROM device that uses the standard 2-wire interface for communications. The IS24C128 contains a memory array of 128K-bits (16,384 x 8), and is further subdivided into 256 pages of 64 bytes each for page write mode. This EEPROM is offered in wide operating voltages of 1.8V to 5.5V (IS24C128-2) and 2.5V to 5.5V (IS24C128-3) to be compatible with most application voltages. ISSI designed the IS24C128 to be a low-cost and low-power 2-wire EEPROM solution. The devices are packaged in 8-pin PDIP, 8-pin SOIC, and 14-pin TSSOP


FEATURES
• Organization:
    – 16K-bit x 8-bit
• 64-Byte Page Write Buffer
• Two-Wire Serial Interface
    – Bi-directional data transfer protocol
• Low Power CMOS Technology
    – Active Current less than 2 mA (5V)
    – Standby Current less than 5 µA (5V)
    – Standby Current less than 2 µA (2.5V)
• Low Voltage Operation
    – IS24C128-2: Vcc = 1.8V to 5.5V
    – IS24C128-3: Vcc = 2.5V to 5.5V
• 400 KHz (I2C Protocol) Compatibility
• Hardware Data Protection
    – Write Protect pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• Self time Write cycle with auto clear
    – 5 ms @ 2.5V
• High Reliability
    – Endurance: 100,000 Cycles
    – Data Retention: 40 Years
• Commercial and Industrial temperature ranges
• 8-pin PDIP, 8-pin SOIC, and 14-pin TSSOP




Similar Part No. - IS24C128

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128-3GI ISSI-IS24C128-3GI Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3GLA3 ISSI-IS24C128-3GLA3 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3GLI ISSI-IS24C128-3GLI Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3PI ISSI-IS24C128-3PI Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3PLI ISSI-IS24C128-3PLI Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Similar Description - IS24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
2-wire Serial EEPROM 1M (131,072 x 8)
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
262,144-bit 2-WIRE SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C64 ISSI-IS24C64 Datasheet
81Kb / 11P
65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
128K-bit 2-WIRE SERIAL CMOS EEPROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com