Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1084DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1084DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1084DI
Download  AOZ1084DI Download
File Size   943.45 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1.2A Buck LED Driver

AOZ1084DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1084DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1084DI
Download  AOZ1084DI Click to download

File Size   943.45 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1.2A Buck LED Driver

AOZ1084DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1084DI Product details

General Description
The AOZ1084 is a high efficiency, simple to use, 1.2A
buck HB LED driver optimized for general lighting
applications. The AOZ1084 works from a 4.5V to 36V
input voltage range, and provides up to 1.2A of
continuous LED current. The 160mV LED current
feedback voltage minimizes the power dissipation of the
external sense resistor. The fixed switching frequency of
450kHz PWM operation reduces inductor and capacitor
sizes.
The AOZ1084 is available in a tiny DFN2x2-8L package.

Features
 Up to 36V operating input voltage range
 420mΩ internal NMOS
 Up to 95% efficiency
 Internal compensation
 1.2A continuous output current
 Fixed 450kHz PWM operation
 Internal soft start
 160mV LED current feedback voltage with ±8%
accuracy
 Cycle-by-cycle current limit
 Short-circuit protection
 Thermal shutdown
 Small size DFN2x2-8L

Applications
 General LED lighting
 Architectural lighting
 Signage lighting




Similar Part No. - AOZ1084DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
More results


Similar Description - AOZ1084DI

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Princeton Technology Co...
PT6910 PTC-PT6910 Datasheet
166Kb / 4P
1.2A LED Driver with Integrated Switch
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
logo
Monolithic Power System...
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
logo
Unisonic Technologies
L4120 UTC-L4120 Datasheet
159Kb / 4P
40V/1.2A INTEGRATED POWER LED DRIVER
logo
Exar Corporation
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Monolithic Power System...
EV2481-H-00A MPS-EV2481-H-00A Datasheet
158Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
EV2481-H-01A MPS-EV2481-H-01A Datasheet
160Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
logo
Unisonic Technologies
L4120 UTC-L4120_17 Datasheet
167Kb / 4P
40V/1.2A INTEGRATED POWER LED DRIVER
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com