Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411F Datasheet (PDF) - Maxim Integrated Products

DG411F Datasheet PDF - Maxim Integrated Products
Part # DG411F
Download  DG411F Download
File Size   445.28 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches

DG411F Datasheet (PDF)

Go To PDF Page Download Datasheet
DG411F Datasheet PDF - Maxim Integrated Products

Part # DG411F
Download  DG411F Click to download

File Size   445.28 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches

DG411F Datasheet (HTML) - Maxim Integrated Products


DG411F Product details

General Description
The DG411F/DG412F/DG413F are quad, single-pole/single-throw (SPST), fault-protected analog switches. They are pin compatible with the industry-standard nonprotected DG411/DG412/DG413. These new switches feature fault-protected inputs and Rail-to-Rail® signal handling capability. All terminals are protected from overvoltage faults up to ±36V with power on and up to ±40V with power off. During a fault condition, the COM, NO, or NC terminal becomes an open circuit and only microamperes of leakage current flow from the source. On-resistance is 35Ω (max) and is matched between switches to 1.5Ω (max) at +25°C.
The DG411F has four normally closed (NC) switches. The DG412F has four normally open (NO) switches. The DG413F has two NC and two NO switches. These CMOS switches operate with dual power supplies ranging from ±4.5V to ±20V or a single supply between +9V and +36V. All digital inputs have +0.8V and +2.4V logic thresholds, ensuring both TTL and CMOS logic compatibility when using ±15V or a single +12V supply.
For supply voltages of ±5V, +5V, and +3V, refer to the MAX4711/MAX4712/MAX4713 data sheet.

Features
♦ No Power-Supply Sequencing Required
♦ Rail-to-Rail Signal Handling
♦ All Switches Off with Power Off
♦ All Switches Off when V+ is Off and V- is On
♦ ±40V Fault Protection with Power Off
♦ ±36V Fault Protection with ±15V Supplies
♦ Control Line Fault Protection from
   V- - 0.3V to V- + 40V
♦ Pin Compatible with Industry-Standard
   DG411/DG412/DG413
♦ 20ns (typ) Fault Response Time
♦ 35Ω (max) RON with ±15V Supplies
♦ ±4.5V to ±20V Dual Supplies
♦ +9V to +36V Single Supply
♦ TTL- and CMOS-Compatible Logic Inputs with
   ±15V or Single +9V to +15V Supplies

Applications
   Communication Systems
   Signal Routing
   Test Equipment
   Data Acquisition
   Industrial and Process Control Systems
   Avionics
   Redundant/Backup Systems




Similar Part No. - DG411F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411FDJ MAXIM-DG411FDJ Datasheet
1Mb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
DG411FDY MAXIM-DG411FDY Datasheet
1Mb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
DG411FEUE MAXIM-DG411FEUE Datasheet
1Mb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results


Similar Description - DG411F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com