Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4511 Datasheet (PDF) - Maxim Integrated Products

MAX4511 Datasheet PDF - Maxim Integrated Products
Part # MAX4511
Download  MAX4511 Download
File Size   310.32 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches

MAX4511 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4511 Datasheet PDF - Maxim Integrated Products

Part # MAX4511
Download  MAX4511 Click to download

File Size   310.32 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches

MAX4511 Datasheet (HTML) - Maxim Integrated Products


MAX4511 Product details

General Description
The MAX4511/MAX4512/MAX4513 are quad, single-pole/single-throw (SPST), fault-protected analog switch es. They are pin-compatible with the industry-standard nonprotected DG201/DG202/DG213. These new switches feature fault-protected inputs and Rail-to-Rail® signal handling capability. The normally open (NO_) and normally closed (NC_) terminals are protected from overvoltage faults up to 36V during power-up or power-down. During a fault condition, the NO_ or NC_ terminal becomes an open circuit and only nanoamperes of leakage current flow from the source, but the switch output (COM_) furnishes up to 10mA of the appropriate polarity supply voltage to the load. This ensures unambiguous rail-to-rail outputs when a fault begins and ends.
On-resistance is 175Ω max and is matched between switches to 10Ω max. The off-leakage current is only 0.5nA at +25°C and 10nA at +85°C.
The MAX4511 has four normally closed switches. The MAX4512 has four normally open switches. The MAX4513 has two normally closed and two normally open switches.
These CMOS switches can operate with dual power supplies ranging from ±4.5V to ±18V or a single supply between +9V and +36V.
All digital inputs have +0.8V and +2.4V logic thresholds, ensuring both TTL- and CMOS-logic compatibility when using ±15V or a single +12V supply.

Features
♦ ±40V Fault Protection with Power Off
   ±36V Fault Protection with ±15V Supplies
♦ All Switches Off with Power Off
♦ Rail-to-Rail Signal Handling
♦ Output Clamped to Appropriate Supply Voltage
   During Fault Condition; No Transition Glitch
♦ 175Ω max Signal Paths with ±15V Supplies
♦ No Power-Supply Sequencing Required
♦ ±4.5V to ±18V Dual Supplies
   +9V to +36V Single Supply
♦ Low Power Consumption, <2mW
♦ Four Separately Controlled SPST Switches
♦ Pin-Compatible with Industry-Standard
   DG411/DG412/DG413, DG201/DG202/DG213
♦ TTL- and CMOS-Compatible Logic Inputs with
   Single +9V to +15V or ±15V Supplies

Applications
   ATE Equipment
   Data Acquisition
   Industrial and Process-Control Systems
   Avionics
   Redundant/Backup Systems




Similar Part No. - MAX4511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511C/D MAXIM-MAX4511C/D Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511CPE MAXIM-MAX4511CPE Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511CSE MAXIM-MAX4511CSE Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511CUE MAXIM-MAX4511CUE Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511EPE MAXIM-MAX4511EPE Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
More results


Similar Description - MAX4511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com