Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS7B69 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPS7B69 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPS7B69
Download  TPS7B69 Download
File Size   4003.68 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 250mA, 40V Ultralo-Quiescent-Current LDO

TPS7B69 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7B69 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPS7B69
Download  TPS7B69 Click to download

File Size   4003.68 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 250mA, 40V Ultralo-Quiescent-Current LDO

TPS7B69 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPS7B69 Product details

Features
■Up to 40V input voltage range
■ 250mA output current driving capacity
Ultra low quiescent current (typical 1.5μA)
400mV typical dropout at lour = 100 mA
Thermal shutdown protection
Short circuit protection
■ Stable with 1 μF output capacitor
■
■
Pin to pin TPS7B6950DBVR and TPS7B6933DBVR




Similar Part No. - TPS7B69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B69 TI1-TPS7B69 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B69 TI2-TPS7B69 Datasheet
847Kb / 22P
TPS7B69xx 150-mA, 40-V Ultralow-Quiescent-Current LDO
APRIL 2016
TPS7B69-Q1 TI1-TPS7B69-Q1 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B69-Q1 TI2-TPS7B69-Q1 Datasheet
847Kb / 22P
TPS7B69xx 150-mA, 40-V Ultralow-Quiescent-Current LDO
APRIL 2016
TPS7B6925-Q1 TI1-TPS7B6925-Q1 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results


Similar Description - TPS7B69

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
Shenzhen Huazhimei Semi...
HM6513 HMSEMI-HM6513 Datasheet
2Mb / 14P
40V, Low Quiescent Current, High Reliability LDO
logo
TECH PUBLIC Electronics...
TPS715 TECHPUBLIC-TPS715 Datasheet
2Mb / 7P
24V,50mA, Ultralo-Quiescent-Current LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com