Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS7B69 Datasheet (PDF) - Texas Instruments

TPS7B69 Datasheet PDF - Texas Instruments
Part # TPS7B69
Download  TPS7B69 Download
File Size   847.53 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7B69xx 150-mA, 40-V Ultralow-Quiescent-Current LDO

TPS7B69 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7B69 Datasheet PDF - Texas Instruments

Part # TPS7B69
Download  TPS7B69 Click to download

File Size   847.53 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7B69xx 150-mA, 40-V Ultralow-Quiescent-Current LDO

TPS7B69 Datasheet (HTML) - Texas Instruments


TPS7B69 Product details

1 Features
1• 4-V to 40-V Wide VI Input Voltage Range With up
to 45-V Transient
• Maximum Output Current: 150 mA
• Low Quiescent Current (IQ):
– 15 μA Typical at Light Loads
– 25 μA Maximum Under Full Temperature
• 450-mV Typical Low Dropout Voltage at 100 mA
Load Current
• 10-mV Line Regulation Maximum
• 20-mV Load Regulation Maximum
• Stable With Low-ESR Ceramic Output Capacitor
(2.2 μF to 100 μF)
• Fixed 3.3-V and 5-V Output Voltage Options
• Integrated Fault Protection:
– Thermal Shutdown
– Short-Circuit Protection
• Packages:
– 5-Pin SOT-23 Package
– 4-Pin SOT-223 Package

2 Applications
• E-meters, Water Meters and Gas Meters
• Appliances and White Goods
• Fire Alarm, Smoke Detector
• Medical, Health, and Fitness Applications

3 Description
The TPS7B69xx device is a low-dropout linear
regulator that operates at up to 40-V VI. With only
15-μA (typical) quiescent current at light load, the
device is applicable for standby microcontrol-unit
systems, especially for always-on applications like emeters,
fire alarms, and smoke detectors.
The devices have integrated short-circuit and
overcurrent protection. The TPS7B69xx device
operates over a –40°C to 105°C temperature range.




Similar Part No. - TPS7B69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B69 TI1-TPS7B69 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
250mA, 40V Ultralo-Quiescent-Current LDO
logo
Texas Instruments
TPS7B69-Q1 TI1-TPS7B69-Q1 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results


Similar Description - TPS7B69

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
150 mA, High PSRR, Low Quiescent Current LDO
2009
logo
Analog Devices
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
logo
Texas Instruments
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
150-mA, 40-V Ultralow-Quiescent-Current LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com