Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9750BETI Datasheet (PDF) - Maxim Integrated Products

MAX9750BETI Datasheet PDF - Maxim Integrated Products
Part # MAX9750BETI
Download  MAX9750BETI Download
File Size   669.5 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers

MAX9750BETI Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9750BETI Datasheet PDF - Maxim Integrated Products

Part # MAX9750BETI
Download  MAX9750BETI Click to download

File Size   669.5 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers

MAX9750BETI Datasheet (HTML) - Maxim Integrated Products


MAX9750BETI Product details

General Description

The MAX9750/MAX9751/MAX9755 combine a stereo, 2.6W audio power amplifier and stereo DirectDrive 110mW headphone amplifier in a single device. The headphone amplifier uses Maxim’s patented DirectDrive architecture that produces a ground-referenced output from a single supply, eliminating the need for large DC blocking capacitors, saving cost, space, and component height. A high 90dB PSRR and low 0.01% THD+N ensures clean, low-distortion amplification of the audio signal.



Features

♦ No DC-Blocking Capacitors Required—Provides Industry’s Most Compact Notebook Audio Solution

♦ PC2001 Compliant

♦ 5V Single-Supply Operation

♦ Class AB 2.6W Stereo BTL Speaker Amplifiers

♦ 110mW DirectDrive Headphone Amplifiers

♦ High 90dB PSRR

♦ Low-Power Shutdown Mode

♦ Industry-Leading Click-and-Pop Suppression

♦ Low 0.01% THD+N at 1kHz

♦ Short-Circuit and Thermal Protection

♦ Selectable Gain Settings

♦ Analog Volume Control (MAX9750)

♦ Beep Input with Glitch Filter (MAX9750)

♦ 2:1 Stereo Input MUX (MAX9751)

♦ ±8kV ESD-Protected Headphone Driver Outputs

♦ Available in Space-Saving, Thermally Efficient Packages

   28-Pin Thin QFN (5mm x 5mm x 0.8mm)

   28-Pin TSSOP



Applications

  Notebook PCs

  Flat-Panel TVs

  Tablet PCs

  PC Displays

  Portable DVD Players

  LCD Projectors



 




Similar Part No. - MAX9750BETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results


Similar Description - MAX9750BETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com