Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9779 Datasheet (PDF) - Maxim Integrated Products

MAX9779 Datasheet PDF - Maxim Integrated Products
Part # MAX9779
Download  MAX9779 Download
File Size   540.31 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier

MAX9779 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9779 Datasheet PDF - Maxim Integrated Products

Part # MAX9779
Download  MAX9779 Click to download

File Size   540.31 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier

MAX9779 Datasheet (HTML) - Maxim Integrated Products


MAX9779 Product details

General Description
The MAX9779 combines a stereo, 2.6W audio power amplifier and stereo DirectDrive™ 110mW headphone amplifier in a single device. The headphone amplifier uses Maxim’s patented DirectDrive architecture that produces a ground-referenced output from a single supply, eliminating the need for large DC-blocking capacitors, saving cost, space, and component height. A high 90dB PSRR and low 0.01% THD+N ensures clean, low-distortion amplification of the audio signal through the Class AB speaker amplifiers.

Features
♦ No DC-Blocking Capacitors Required—Provides Industry’s Most Compact Notebook Audio Solution
♦ PC2001 Compliant
♦ 5V Single-Supply Operation
♦ Class AB 2.6W Stereo BTL Speaker Amplifiers
♦ 110mW DirectDrive Headphone Amplifiers
♦ High 90dB PSRR
♦ Low-Power Shutdown Mode
♦ Industry-Leading Click-and-Pop Suppression
♦ Low 0.01% THD+N at 1kHz
♦ Short-Circuit and Thermal-Overload Protection
♦ Selectable Gain Settings (15dB, 16.5dB, 18dB, and 19.5dB)
♦ ±8kV ESD-Protected Headphone Driver Outputs
♦ Available in Space-Saving, Thermally Efficient Package
    28-Pin Thin QFN (5mm x 5mm x 0.8mm)

Applications
    Notebook PCs
    Flat-Panel TVs
    Tablet PCs
    Multimedia Monitors
    Portable DVD Players
    LCD Projectors




Similar Part No. - MAX9779

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX977 MAXIM-MAX977 Datasheet
264Kb / 16P
Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX977 MAXIM-MAX977 Datasheet
590Kb / 17P
Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9770 MAXIM-MAX9770 Datasheet
493Kb / 24P
1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770 MAXIM-MAX9770 Datasheet
468Kb / 22P
1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770ETI MAXIM-MAX9770ETI Datasheet
493Kb / 24P
1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
More results


Similar Description - MAX9779

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
logo
Unisonic Technologies
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
2.6W STEREO AUDIO AMPLIFIER
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
2.6W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA3332 UTC-PA3332_15 Datasheet
285Kb / 9P
2.6W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
2.6W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com