Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT4016 Datasheet (PDF) - NXP Semiconductors

HCT4016 Datasheet PDF - NXP Semiconductors
Part # HCT4016
Download  HCT4016 Download
File Size   109.95 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad bilateral switches

HCT4016 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT4016 Datasheet PDF - NXP Semiconductors

Part # HCT4016
Download  HCT4016 Click to download

File Size   109.95 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad bilateral switches

HCT4016 Datasheet (HTML) - NXP Semiconductors


HCT4016 Product details

GENERAL DESCRIPTION

The 74HC/HCT4016 are high-speed Si-gate CMOS devices and are pin compatible with the “4016” of the “4000B” series. They are specified in compliance with JEDEC standard no. 7A.

The 74HC/HCT4016 have four independent analog switches (transmission gates).



FEATURES

• Low “ON” resistance:

    160 Ω (typ.) at VCC = 4.5 V

    120 Ω (typ.) at VCC = 6.0 V

    80 Ω (typ.) at VCC = 9.0 V

• Individual switch controls

• Typical “break before make” built in

• Output capability: non-standard

• ICC category: SSI




Similar Part No. - HCT4016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HCT4015 PHILIPS-HCT4015 Datasheet
50Kb / 8P
Dual 4-bit serial-in/parallel-out shift register
December 1990
More results


Similar Description - HCT4016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
Quad bilateral switches
1998 Nov 10
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
Quad bilateral switches
September 1993
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
Quad bilateral switches
1998 Jun 23
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
Quad bilateral switches
1998 Jun 23
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
Quad bilateral switches
2003 Aug 12
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
Quad bilateral switches
September 1993
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
Quad bilateral switches
December 1990
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
Quad bilateral switches
Rev. 03-4 July 2005
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
QUAD BILATERAL SWITCHES
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
Quad bilateral switches
Rev. 5 - 24 October 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com