Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4051 Datasheet (PDF) - NXP Semiconductors

74HC4051 Datasheet PDF - NXP Semiconductors
Part # 74HC4051
Download  74HC4051 Download
File Size   126.7 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer

74HC4051 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4051 Datasheet PDF - NXP Semiconductors

Part # 74HC4051
Download  74HC4051 Click to download

File Size   126.7 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer

74HC4051 Datasheet (HTML) - NXP Semiconductors


74HC4051 Product details

GENERAL DESCRIPTION

The 74HC/HCT4051 are high-speed Si-gate CMOS devices and are pin compatible with the “4051” of the “4000B” series. They are specified in compliance with JEDEC standard no. 7A.



FEATURES

• Wide analog input voltage range:±5V.

• Low “ON” resistance:

    80Ω(typ.) at VCC−VEE= 4.5 V

    70Ω(typ.) at VCC−VEE= 6.0 V

    60Ω(typ.) at VCC−VEE= 9.0 V

• Logic level translation:
to enable 5 V logic to communicate with±5 V analog signals

• Typical “break before make” built in

• Output capability: non-standard

• ICCcategory: MSI




Similar Part No. - 74HC4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74HC4051 TI-74HC4051 Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
logo
NXP Semiconductors
74HC4051 NXP-74HC4051 Datasheet
220Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HC4051 PHILIPS-74HC4051 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
74HC4051 NEXPERIA-74HC4051 Datasheet
399Kb / 28P
8-channel analog multiplexer/demultiplexer
Rev. 11 - 5 December 2022
74HC4051-Q100 NEXPERIA-74HC4051-Q100 Datasheet
913Kb / 31P
8-channel analog multiplexer/demultiplexer
More results


Similar Description - 74HC4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A Datasheet
125Kb / 12P
8-channel Analog Multiplexer / Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com