Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4051 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4051 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4051
Download  74HC4051 Download
File Size   399.61 Kbytes
Page   28 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-channel analog multiplexer/demultiplexer

74HC4051 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4051 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4051
Download  74HC4051 Click to download

File Size   399.61 Kbytes
Page   28 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-channel analog multiplexer/demultiplexer

74HC4051 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4051 Product details

1. General description
The 74HC4051; 74HCT4051 is a single-pole octal-throw analog switch (SP8T) suitable for use in
analog or digital 8:1 multiplexer/demultiplexer applications. The switch features three digital select
inputs (S0, S1 and S2), eight independent inputs/outputs (Yn), a common input/output (Z) and a
digital enable input (E). When E is HIGH, the switches are turned off. Inputs include clamp diodes.
This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide analog input voltage range from -5 V to +5 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low ON resistance:
• 80 Ω (typical) at VCC - VEE = 4.5 V
• 70 Ω (typical) at VCC - VEE = 6.0 V
• 60 Ω (typical) at VCC - VEE = 9.0 V
• Logic level translation: to enable 5 V logic to communicate with ±5 V analog signals
• Typical ‘break before make’ built-in
• ESD protection:
• HBM: ANSI/ESDA/Jedec JS-001 Class 2 exceeds 2000 V
• CDM: ANSI/ESDA/Jedec JS-002 Class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - 74HC4051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4051 PHILIPS-74HC4051 Datasheet
126Kb / 16P
8-channel analog multiplexer/demultiplexer
December 1990
logo
Texas Instruments
74HC4051 TI-74HC4051 Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
logo
NXP Semiconductors
74HC4051 NXP-74HC4051 Datasheet
220Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HC4051 PHILIPS-74HC4051 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
74HC4051-Q100 NEXPERIA-74HC4051-Q100 Datasheet
913Kb / 31P
8-channel analog multiplexer/demultiplexer
More results


Similar Description - 74HC4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A Datasheet
125Kb / 12P
8-channel Analog Multiplexer / Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com