Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2512 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDC2512 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDC2512
Download  FDC2512 Download
File Size   4031.66 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 150V N-Channel Enhancement Mode MOSFET

FDC2512 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC2512 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDC2512
Download  FDC2512 Click to download

File Size   4031.66 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 150V N-Channel Enhancement Mode MOSFET

FDC2512 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDC2512 Product details

Features
BVDSS 150V
ID@VGS 10V, TA=25°C 1.5A
RDS(ON) typ. @VGS-10V, ID-1.5A 240m Ω




Similar Part No. - FDC2512

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
150V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDC2512 KEXIN-FDC2512 Datasheet
2Mb / 4P
N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
FDC2512 VBSEMI-FDC2512 Datasheet
1Mb / 9P
N-Channel 100 V (D-S) MOSFET
More results


Similar Description - FDC2512

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN15H310SE DIODES-DMN15H310SE_15 Datasheet
382Kb / 7P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN15A27K DIODES-ZXMN15A27K_15 Datasheet
670Kb / 8P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN15H310SK3 DIODES-DMN15H310SK3 Datasheet
513Kb / 7P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shanghai Leiditech Elec...
LM5D25N15 LEIDITECH-LM5D25N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
LM8S20N15 LEIDITECH-LM8S20N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJQ5494 PANJIT-PJQ5494 Datasheet
611Kb / 6P
150V N-Channel Enhancement Mode MOSFET
March 27,2018-REV.01
PJD30N15 PANJIT-PJD30N15 Datasheet
422Kb / 8P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
PJD40N15 PANJIT-PJD40N15 Datasheet
533Kb / 6P
150V N-Channel Enhancement Mode MOSFET
July 5,2017-REV.00
PJL9480 PANJIT-PJL9480 Datasheet
304Kb / 6P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
logo
TECH PUBLIC Electronics...
TPSI3440DV-T1-GE3 TECHPUBLIC-TPSI3440DV-T1-GE3 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com