Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJD40N15 Datasheet (PDF) - Pan Jit International Inc.

PJD40N15 Datasheet PDF - Pan Jit International Inc.
Part # PJD40N15
Download  PJD40N15 Download
File Size   533.54 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 150V N-Channel Enhancement Mode MOSFET

PJD40N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJD40N15 Datasheet PDF - Pan Jit International Inc.

Part # PJD40N15
Download  PJD40N15 Click to download

File Size   533.54 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 150V N-Channel Enhancement Mode MOSFET

PJD40N15 Datasheet (HTML) - Pan Jit International Inc.


PJD40N15 Product details

Features
 RDS(ON), VGS@10V,ID@20A<35mΩ
 High switching speed
 Improved dv/dt capability
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard

Mechanical Data
 Case : TO-252AA Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0104 ounces, 0.297grams




Similar Part No. - PJD40N15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD40N04 PANJIT-PJD40N04 Datasheet
652Kb / 6P
40V N-Channel Enhancement Mode MOSFET
July 28,2017-REV.00
PJD40N04-AU PANJIT-PJD40N04-AU Datasheet
636Kb / 6P
40V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJD40N04-AU_L2_000A1 PANJIT-PJD40N04-AU_L2_000A1 Datasheet
636Kb / 6P
40V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJD40N04_L2_00001 PANJIT-PJD40N04_L2_00001 Datasheet
652Kb / 6P
40V N-Channel Enhancement Mode MOSFET
July 28,2017-REV.00
PJD40N06A PANJIT-PJD40N06A Datasheet
569Kb / 8P
60V N-Channel Enhancement Mode MOSFET
August 31,2017-REV.00
More results


Similar Description - PJD40N15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN15H310SE DIODES-DMN15H310SE_15 Datasheet
382Kb / 7P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN15A27K DIODES-ZXMN15A27K_15 Datasheet
670Kb / 8P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN15H310SK3 DIODES-DMN15H310SK3 Datasheet
513Kb / 7P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shanghai Leiditech Elec...
LM5D25N15 LEIDITECH-LM5D25N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
LM8S20N15 LEIDITECH-LM8S20N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJQ5494 PANJIT-PJQ5494 Datasheet
611Kb / 6P
150V N-Channel Enhancement Mode MOSFET
March 27,2018-REV.01
PJD30N15 PANJIT-PJD30N15 Datasheet
422Kb / 8P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
PJL9480 PANJIT-PJL9480 Datasheet
304Kb / 6P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
logo
TECH PUBLIC Electronics...
TPSI3440DV-T1-GE3 TECHPUBLIC-TPSI3440DV-T1-GE3 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com