Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3218-M Datasheet (PDF) - Renesas Technology Corp

2SC3218-M Datasheet PDF - Renesas Technology Corp
Part # 2SC3218-M
Download  2SC3218-M Download
File Size   175.61 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON EPITAXIAL TRANSISTOR FOR 860-MHz WIDEBAND POWER AMPLIFIER INDUSTRIAL USE

2SC3218-M Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3218-M Datasheet PDF - Renesas Technology Corp

Part # 2SC3218-M
Download  2SC3218-M Click to download

File Size   175.61 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON EPITAXIAL TRANSISTOR FOR 860-MHz WIDEBAND POWER AMPLIFIER INDUSTRIAL USE

2SC3218-M Datasheet (HTML) - Renesas Technology Corp


2SC3218-M Product details

FEATURES
• High gain and high power output at 860 MHz
Pout = 52 W @ VCC = 28 V, Pin = 10 W, class AB
• Push-pull structure allows easy design of wideband amplifier
• Internal emitter balance resistor
• Internal impedance matching circuit
• High reliability due to gold electrodes




Similar Part No. - 2SC3218-M

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3218-M NEC-2SC3218-M Datasheet
121Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR FOR 860 MHZ WIDEBAND POWER AMPLIFIER INDUSTRIAL USE
More results


Similar Description - 2SC3218-M

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1988 NEC-2SA1988 Datasheet
47Kb / 4P
PNP SILICON TRANSISTOR POWER AMPLIFIER INDUSTRIAL USE
2SC1927 NEC-2SC1927 Datasheet
36Kb / 4P
NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE
UPA1434 NEC-UPA1434 Datasheet
54Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
logo
KEC(Korea Electronics)
KTD1028V KEC-KTD1028V Datasheet
363Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (INDUSTRIAL USE HIGH CURRENT)
logo
NEC
2SC3218-M NEC-2SC3218-M Datasheet
121Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR FOR 860 MHZ WIDEBAND POWER AMPLIFIER INDUSTRIAL USE
logo
List of Unclassifed Man...
2SD1308 ETC-2SD1308 Datasheet
68Kb / 2P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER AND LOW SPEED SWITCHING INDUSTRIAL USE
logo
Renesas Technology Corp
2SC1733 RENESAS-2SC1733 Datasheet
188Kb / 6P
NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER INDUSTRIAL USE
July 1996
2SC2586 RENESAS-2SC2586 Datasheet
160Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
July 1996
2SC2762 RENESAS-2SC2762 Datasheet
191Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
July 1996 P
2SC3286-M RENESAS-2SC3286-M Datasheet
176Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR FOR 230-MHz WIDEBAND POWER AMPLIFIER INDUSTRIAL USE
July 1996 P
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com