Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC262 Datasheet (PDF) - Endress+Hauser Group Services AG

FTC262 Datasheet PDF - Endress+Hauser Group Services AG
Part # FTC262
Download  FTC262 Download
File Size   518.01 Kbytes
Page   16 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Point level switch with buildup compensation No calibration necessary

FTC262 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTC262 Datasheet PDF - Endress+Hauser Group Services AG

Part # FTC262
Download  FTC262 Click to download

File Size   518.01 Kbytes
Page   16 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Point level switch with buildup compensation No calibration necessary

FTC262 Datasheet (HTML) - Endress+Hauser Group Services AG


FTC262 Product details

Your Benefits
• Complete unit consisting of the probe and electronic insert:
– simple mounting
– no calibration on start-up
• Active build-up compensation
– accurate switch point
– high operational safety
• Mechanically rugged
– no wearing parts
– long operating life
– no maintenance
• The rope probe of the Minicap FTC262 can be shortened
– optimum matching to the measuring point
– less stocks required

Application
The Minicap is designed for point level detection in light bulk solids with a grain size
up to max. 30 mm (1.18 in) and a dielectric constant εr ≥1.6
e.g. grain products, flour, milk powder, animal feed, cement, chalk or gypsum.
Versions:
• Minicap FTC260: with rod probe for bulk solids and liquids
• Minicap FTC262: with rope probe up to 6 m (20 ft); for bulk solids
• Relay output (potential-free change-over contact / SPDT) with AC or DC power
• PNP output with three-wire DC power




Similar Part No. - FTC262

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
FTC2688 FS-FTC2688 Datasheet
172Kb / 2P
Color TV chroma out pupt circuits
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
Audio frequency power amplifier
More results


Similar Description - FTC262

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
Kotron짰 Model 810 RF Point Level Switch
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
Kotron짰 Model 811 RF Point Level Switch
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
No External Compensation
11/07/16
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
No External Compensation
11/07/16
logo
OmniVision Technologies...
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9760 OMNIVISION-OV9760 Datasheet
610Kb / 2P
automatic black level calibration (ABLC)
OV4685 OMNIVISION-OV4685 Datasheet
5Mb / 2P
automatic black level calibration (ABLC)
OV9284 OMNIVISION-OV9284 Datasheet
625Kb / 2P
automatic black level calibration (ABLC)
logo
Endress+Hauser Group Se...
TI01047F EH-TI01047F Datasheet
1Mb / 12P
Point level switch for granular solids
2022-05-31
TI01147F EH-TI01147F Datasheet
1Mb / 36P
Point level switch for liquids
2021-01-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com