Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC2655 Datasheet (PDF) - First Silicon Co., Ltd

FTC2655 Datasheet PDF - First Silicon Co., Ltd
Part # FTC2655
Download  FTC2655 Download
File Size   162.05 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)

FTC2655 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTC2655 Datasheet PDF - First Silicon Co., Ltd

Part # FTC2655
Download  FTC2655 Click to download

File Size   162.05 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)

FTC2655 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTC2655

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
FTC260 EH-FTC260 Datasheet
518Kb / 16P
Point level switch with buildup compensation No calibration necessary
2019-05-02
FTC262 EH-FTC262 Datasheet
518Kb / 16P
Point level switch with buildup compensation No calibration necessary
2019-05-02
logo
First Silicon Co., Ltd
FTC2688 FS-FTC2688 Datasheet
172Kb / 2P
Color TV chroma out pupt circuits
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
Audio frequency power amplifier
More results


Similar Description - FTC2655

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH45N120 IXYS-IXSH45N120 Datasheet
88Kb / 4P
High Voltage, Low VCE(sat) IGBT
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
Rohm
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
2SB1184TLR ROHM-2SB1184TLR Datasheet
172Kb / 4P
Low VCE(sat).VCE(sat) = -0.5V (Typ.)(IC/IB = -2A / -0.2A), Complements the 2SD1760 / 2SD1864.
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
2SB1188 MAKOSEMI-2SB1188 Datasheet
147Kb / 2P
Low VCE(sat).
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com