Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5495 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N5495 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N5495
Download  2N5495 Download
File Size   140.52 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A

2N5495 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5495 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N5495
Download  2N5495 Click to download

File Size   140.52 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A

2N5495 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2N5495

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5495 NJSEMI-2N5495 Datasheet
136Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - 2N5495

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Unisonic Technologies
USS5350 UTC-USS5350 Datasheet
156Kb / 3P
50V,3A PNP LOW VCE(SAT) TRANSISTOR
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
Rohm
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
logo
Nanjing International G...
2SB1424 DGNJDZ-2SB1424 Datasheet
493Kb / 4P
Low VCE(sat) Transistor(-20V,-3A)
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com