Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1424 Datasheet (PDF) - Nanjing International Group Co

2SB1424 Datasheet PDF - Nanjing International Group Co
Part # 2SB1424
Download  2SB1424 Download
File Size   493.57 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Low VCE(sat) Transistor(-20V,-3A)

2SB1424 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1424 Datasheet PDF - Nanjing International Group Co

Part # 2SB1424
Download  2SB1424 Click to download

File Size   493.57 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Low VCE(sat) Transistor(-20V,-3A)

2SB1424 Datasheet (HTML) - Nanjing International Group Co


2SB1424 Product details

FEATURES
Low VCE(SAT)=-0.2V(Typ.)
(IC/IB=-2A/-0.1mA).
Excellent DC current gain characterisitics.
Complementary the 2SD2150.
APPLICATIONS
This device is designed as a general purpose amplifier
and switching.




Similar Part No. - 2SB1424

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
logo
Weitron Technology
2SB1424 WEITRON-2SB1424 Datasheet
254Kb / 4P
Epitaxial Planar PNP Transistors
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
91Kb / 4P
Low VCE(sat) Transistor (−20V, −3A)
logo
TRANSYS Electronics Lim...
2SB1424 TEL-2SB1424 Datasheet
61Kb / 1P
Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
Low VCE(sat) Transistor
More results


Similar Description - 2SB1424

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
2SA1834 ROHM-2SA1834 Datasheet
77Kb / 4P
Low Vce(sat) Transistor (Strobe flash) (-20V, -10A)
2SC5001 ROHM-2SC5001 Datasheet
68Kb / 3P
Low Vce(sat) Transistor (Strobe flash) (20V, 10A)
logo
Hi-Sincerity Mocroelect...
HSD2118J HSMC-HSD2118J Datasheet
55Kb / 5P
LOW VCE(sat) TRANSISTOR (20V, 5A)
logo
Diodes Incorporated
ZXTP26020DMF DIODES-ZXTP26020DMF Datasheet
119Kb / 6P
20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
DS32101 Rev. 1 - 2
DSS5320T DIODES-DSS5320T Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31620 Rev. 2 - 2
logo
Unisonic Technologies
USS5350 UTC-USS5350 Datasheet
156Kb / 3P
50V,3A PNP LOW VCE(SAT) TRANSISTOR
logo
Diodes Incorporated
DSS5320T DIODES-DSS5320T_15 Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
logo
ON Semiconductor
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
logo
Diodes Incorporated
ZXTP56020FDBQ DIODES-ZXTP56020FDBQ Datasheet
407Kb / 7P
20V DUAL PNP LOW VCE(SAT) TRANSISTOR
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com