Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSD2118J Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HSD2118J Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HSD2118J
Download  HSD2118J Download
File Size   55.05 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description LOW VCE(sat) TRANSISTOR (20V, 5A)

HSD2118J Datasheet (PDF)

Go To PDF Page Download Datasheet
HSD2118J Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HSD2118J
Download  HSD2118J Click to download

File Size   55.05 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description LOW VCE(sat) TRANSISTOR (20V, 5A)

HSD2118J Datasheet (HTML) - Hi-Sincerity Mocroelectronics


HSD2118J Product details

Feature
• Low VCE(sat), VCE(sat)=0.6V(Typ.)(IC=4A/IB=0.1A)
• Excellent DC Current Gain Characteristic
• Complements the HSB1386J

Structure
   Epitaxial Planar Type NPN Silicon Transistor




Similar Part No. - HSD2118J

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HSD20 HUIXIN-HSD20 Datasheet
1Mb / 4P
Unidirectional TVS Diodes
HSD20C HUIXIN-HSD20C Datasheet
868Kb / 4P
Bidirectional TVS Diodes
logo
Renesas Technology Corp
HSD226 RENESAS-HSD226 Datasheet
69Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
logo
Guangdong Huixin Electr...
HSD24 HUIXIN-HSD24 Datasheet
1Mb / 4P
Unidirectional TVS Diodes
HSD24C HUIXIN-HSD24C Datasheet
868Kb / 4P
Bidirectional TVS Diodes
More results


Similar Description - HSD2118J

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
logo
Diodes Incorporated
DSS5320T DIODES-DSS5320T Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31620 Rev. 2 - 2
logo
Unisonic Technologies
USS4350 UTC-USS4350 Datasheet
135Kb / 3P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
2SB1302 ONSEMI-2SB1302 Datasheet
281Kb / 5P
Bipolar Transisitor -20V, -5A, Low VCE(sat) PNP Single PCP
November, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SD1685 ONSEMI-2SD1685 Datasheet
273Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
logo
Diodes Incorporated
ZXTP56020FDBQ DIODES-ZXTP56020FDBQ Datasheet
407Kb / 7P
20V DUAL PNP LOW VCE(SAT) TRANSISTOR
Rev 1
logo
Nanjing International G...
2SB1424 DGNJDZ-2SB1424 Datasheet
493Kb / 4P
Low VCE(sat) Transistor(-20V,-3A)
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com