Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USS4350 Datasheet (PDF) - Unisonic Technologies

USS4350 Datasheet PDF - Unisonic Technologies
Part # USS4350
Download  USS4350 Download
File Size   135.06 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 50V, 5A NPN LOW VCE(SAT) TRANSISTOR

USS4350 Datasheet (PDF)

Go To PDF Page Download Datasheet
USS4350 Datasheet PDF - Unisonic Technologies

Part # USS4350
Download  USS4350 Click to download

File Size   135.06 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 50V, 5A NPN LOW VCE(SAT) TRANSISTOR

USS4350 Datasheet (HTML) - Unisonic Technologies


USS4350 Product details

DESCRIPTION
The UTC USS4350 is a low VCE (SAT) NPN transistor designed for applications, such as: DC/DC converter, supply line switching, battery charger, linear voltage regulation, driver in low supply voltage applications and inductive load driver.

FEATURES
* Collector-emitter saturation voltage:50V
* High collector current gain (hFE) under high IC conditions
* High collector current capability
* Higher efficiency resulting in less heat generation
* Complementary to UTC USS5350




Similar Part No. - USS4350

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
USS4-T220 WILLOW-USS4-T220 Datasheet
311Kb / 2P
Highest Stability Near Temperature Independent
logo
Riedon Powertron
USS4-T220 RIEDON-USS4-T220 Datasheet
377Kb / 3P
Precision Shunt Resistors
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
USS4450G-TN3-R UTC-USS4450G-TN3-R Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
USS4450G-TN3-R UTC-USS4450G-TN3-R Datasheet
214Kb / 4P
TRANSISTOR
More results


Similar Description - USS4350

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
Low Vce(sat) NPN Transistor
logo
Hi-Sincerity Mocroelect...
HSD2118J HSMC-HSD2118J Datasheet
55Kb / 5P
LOW VCE(sat) TRANSISTOR (20V, 5A)
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
ECH8503 ONSEMI-ECH8503 Datasheet
310Kb / 7P
Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com