Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5053_REV2008 Datasheet (PDF) - Rohm

2SC5053_REV2008 Datasheet PDF - Rohm
Part # 2SC5053_REV2008
Download  2SC5053_REV2008 Download
File Size   84.03 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA

2SC5053_REV2008 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5053_REV2008 Datasheet PDF - Rohm

Part # 2SC5053_REV2008
Download  2SC5053_REV2008 Click to download

File Size   84.03 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA

2SC5053_REV2008 Datasheet (HTML) - Rohm


2SC5053_REV2008 Product details

Medium power transistor (50V, 1A)



Features

1) Low saturation voltage, typically VCE(sat) = 0.12V at IC / IB = 500mA / 50mA

2) PC=2W (on 40×40×0.7mm ceramic board)

3) Complements the 2SA1900



 




Similar Part No. - 2SC5053_REV2008

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5053T100Q ROHM-2SC5053T100Q Datasheet
84Kb / 3P
Medium power transistor (50V, 1A)
2SC5053T100R ROHM-2SC5053T100R Datasheet
84Kb / 3P
Medium power transistor (50V, 1A)
More results


Similar Description - 2SC5053_REV2008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
Rohm
2SA1807_2SA1862 ROHM-2SA1807_2SA1862 Datasheet
62Kb / 2P
High Breakdown Vlotage, Low saturation vlotage,typically Vce(sat) = -0.25V at lc/lc=-300mA/-6-mA.
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
2SB1132 MAKOSEMI-2SB1132 Datasheet
124Kb / 2P
Low VCE(sat) 0.2V(Typ) IC/IB=-500mA/-50mA
2SB1424 MAKOSEMI-2SB1424 Datasheet
132Kb / 2P
Low VCE(SAT) 0.2V(Typ.) (IC/IB=-2A/-0.1mA).
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com