Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1132 Datasheet (PDF) - MAKO SEMICONDUCTOR CO.,LIMITED

2SB1132 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED
Part # 2SB1132
Download  2SB1132 Download
File Size   124.03 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description Low VCE(sat) 0.2V(Typ) IC/IB=-500mA/-50mA

2SB1132 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1132 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SB1132
Download  2SB1132 Click to download

File Size   124.03 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description Low VCE(sat) 0.2V(Typ) IC/IB=-500mA/-50mA

2SB1132 Datasheet (HTML) - MAKO SEMICONDUCTOR CO.,LIMITED




Similar Part No. - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
logo
Weitron Technology
2SB1132 WEITRON-2SB1132 Datasheet
348Kb / 5P
PNP Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SB1132 UTC-2SB1132 Datasheet
59Kb / 4P
MEDIUM POWER TRANSISTOR
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
logo
TRANSYS Electronics Lim...
2SB1132 TEL-2SB1132 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
More results


Similar Description - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Rohm
2SC4115S_REVB ROHM-2SC4115S_REVB Datasheet
165Kb / 3P
Low VCE(sat)., VCE(sat) = 0.2V(Typ.), 竊뉹C / IB = 2A / 0.1A竊
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
2SB1184TLR ROHM-2SB1184TLR Datasheet
172Kb / 4P
Low VCE(sat).VCE(sat) = -0.5V (Typ.)(IC/IB = -2A / -0.2A), Complements the 2SD1760 / 2SD1864.
logo
MAKO SEMICONDUCTOR CO.,...
2SB1424 MAKOSEMI-2SB1424 Datasheet
132Kb / 2P
Low VCE(SAT) 0.2V(Typ.) (IC/IB=-2A/-0.1mA).
logo
Rohm
DTB513Z ROHM-DTB513Z Datasheet
1Mb / 10P
-500mA/-12V Low VCE(sat)Digital transistor
DTB523Y ROHM-DTB523Y Datasheet
1Mb / 10P
500mA/-12V Low VCE(sat)Digital transistors
DTB543E ROHM-DTB543E Datasheet
1Mb / 10P
500mA/-12V Low VCE(sat) Digital transistor
DTB543X ROHM-DTB543X Datasheet
1Mb / 10P
500mA/-12V Low VCE(sat)Digital transistor
DTB543Z ROHM-DTB543Z Datasheet
1Mb / 10P
500mA/-12V Low VCE(sat)Digital transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com