Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1424 Datasheet (PDF) - MAKO SEMICONDUCTOR CO.,LIMITED

2SB1424 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED
Part # 2SB1424
Download  2SB1424 Download
File Size   132.74 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description Low VCE(SAT) 0.2V(Typ.) (IC/IB=-2A/-0.1mA).

2SB1424 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1424 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SB1424
Download  2SB1424 Click to download

File Size   132.74 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description Low VCE(SAT) 0.2V(Typ.) (IC/IB=-2A/-0.1mA).

2SB1424 Datasheet (HTML) - MAKO SEMICONDUCTOR CO.,LIMITED


2SB1424 Product details

FEATURES
• Low VCE(SAT) =-0.2V(Typ.) (IC/IB=-2A/-0.1mA).
• Excellent DC current gain characterisitics.
• Complementary the 2SD2150.
   




Similar Part No. - 2SB1424

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
logo
Weitron Technology
2SB1424 WEITRON-2SB1424 Datasheet
254Kb / 4P
Epitaxial Planar PNP Transistors
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
91Kb / 4P
Low VCE(sat) Transistor (−20V, −3A)
logo
TRANSYS Electronics Lim...
2SB1424 TEL-2SB1424 Datasheet
61Kb / 1P
Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
Low VCE(sat) Transistor
More results


Similar Description - 2SB1424

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
SEMTECH ELECTRONICS LTD...
PBSS4240 SEMTECH_ELEC-PBSS4240 Datasheet
187Kb / 2P
2A NPN Low VCE(sat) (BISS) Transistor
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Rohm
2SC4115S_REVB ROHM-2SC4115S_REVB Datasheet
165Kb / 3P
Low VCE(sat)., VCE(sat) = 0.2V(Typ.), 竊뉹C / IB = 2A / 0.1A竊
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
2SB1184TLR ROHM-2SB1184TLR Datasheet
172Kb / 4P
Low VCE(sat).VCE(sat) = -0.5V (Typ.)(IC/IB = -2A / -0.2A), Complements the 2SD1760 / 2SD1864.
logo
MAKO SEMICONDUCTOR CO.,...
2SB1132 MAKOSEMI-2SB1132 Datasheet
124Kb / 2P
Low VCE(sat) 0.2V(Typ) IC/IB=-500mA/-50mA
2SB1188 MAKOSEMI-2SB1188 Datasheet
147Kb / 2P
Low VCE(sat).
logo
Leshan Radio Company
LBSS4240P3T1G LRC-LBSS4240P3T1G Datasheet
882Kb / 5P
40V,2A Low VCE(sat) NPN Silicon
LBSS5240P3T1G LRC-LBSS5240P3T1G Datasheet
1Mb / 5P
-40V,-2A Low VCE(sat) PNP Silicon
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com