Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5053_REV2008 Datasheet(PDF) 2 Page - Rohm

Part # 2SC5053_REV2008
Description  Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5053_REV2008 Datasheet(HTML) 2 Page - Rohm

  2SC5053_REV2008 Datasheet HTML 1Page - Rohm 2SC5053_REV2008 Datasheet HTML 2Page - Rohm 2SC5053_REV2008 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5053
Transistors
Rev.D
2/2
Electric characteristics curves
Fig.1 Grounded emitter output characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
12
3
4
5
0
800
900
1000
600
700
300
400
500
200
0
100
10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
IB=1mA
2mA
Fig.2 DC current gain
vs. collector current
COLLECTOR CURRENT : IC (A)
0.01
0.02 0.05 0.1 0.2
0.5
0.001
0.002
0.005
1
2
10
20
50
100
200
500
1000
5
1
2
VCE=3V
Ta=25
°C
Fig.3 Collector-emitter saturation voltage
vs.collector current
COLLECTOR CURRENT : IC (A)
100m
1m
10m
1
2
10
20
50
100
200
500
1000
5
1
2
Ta=25
°C
IC/IB=10
1000
−1
−0.1
−10m
−1m
100
200
500
10
20
50
1
2
5
EMITTER CURRENT : IE
(A)
Fig.4 Gain bandwith product
vs. emitter current
Ta
=25°C
VCE
=5V
Ta=25
°C
f=1MHz
IE=0A
Fig.5 Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCB (V)
0.1
0.2
0.5
1
20
25
10
10
20
50
100
200
5
1
2
Fig.6 Safe operating area
COLLECTOR TO EMITTER VOLTAGE : ICE (V)
12
5
10
20
50
0.2
0.5
100
5
1
2
0.1
0.2
0.5
0.05
0.01
0.02 Ta=25°C
∗Single
nonrepeatitive pulse
10ms
100ms
DC
IC Max. (Pulse )
∗



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com