Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5053_REV2008 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5053_REV2008
Description  Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5053_REV2008 Datasheet(HTML) 1 Page - Rohm

  2SC5053_REV2008 Datasheet HTML 1Page - Rohm 2SC5053_REV2008 Datasheet HTML 2Page - Rohm 2SC5053_REV2008 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC5053
Transistors
Rev.D
1/2
Medium power transistor (50V, 1A)
2SC5053
Features
1) Low saturation voltage, typically VCE(sat)=0.12V at IC/
IB=500mA/50mA
2) PC=2W (on 40×40×0.7mm ceramic board)
3) Complements the 2SA1900
Dimensions (Unit : mm)
MPT3
(1)Base
(2)Collector
(3)Emitter
Absolute maximum ratings (Ta=25
°C)
Parameter
Collector-base voltage
Collector-emitter voltage
Emitter- base voltage
Collector power dissipation
Collector current
Collector power dissipation
Storage temperature
Symbol
Limits
60
50
5
1
0.5
2
150
−55 to +150
Unit
V
V
V
A
2
A (Pulse)
W
W
∗1
∗2
°C
°C
∗1 Single pulse Pw=100ms
∗2 When mounted on a 40 40 0.7mm seramic board.
VCBO
VCEO
VEBO
IC
PC
tj
tstg
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Cob
60
50
5
−
−
−
120
−
−
−
−
−
−
−
−
−
150
15
−
−
−
0.1
0.1
0.4
390
−
−
V
V
V
µA
µA
V
−
MHz
pF
IC=50
µA
IC=1mA
IE=50
µA
VCB=40V
VEB=4V
IC/IB=500mA/50mA
VCE/IC=3V/0.5A
VCE=5V , IE=
−50mA , f=100MHz
VCB=10V , IE=0A , f=1MHz
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
VCE(sat)
Packaging specifications and hFE
Type
Package
hFE
Code
Basic ordering unit (pleces)
2SC5053
MPT3
QR
T100
Marking
CG
1000
∗ Denotes hFE
∗


Similar Part No. - 2SC5053_REV2008

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5053T100Q ROHM-2SC5053T100Q Datasheet
84Kb / 3P
Medium power transistor (50V, 1A)
2SC5053T100R ROHM-2SC5053T100R Datasheet
84Kb / 3P
Medium power transistor (50V, 1A)
More results

Similar Description - 2SC5053_REV2008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
Rohm
2SA1807_2SA1862 ROHM-2SA1807_2SA1862 Datasheet
62Kb / 2P
High Breakdown Vlotage, Low saturation vlotage,typically Vce(sat) = -0.25V at lc/lc=-300mA/-6-mA.
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
2SB1132 MAKOSEMI-2SB1132 Datasheet
124Kb / 2P
Low VCE(sat) 0.2V(Typ) IC/IB=-500mA/-50mA
2SB1424 MAKOSEMI-2SB1424 Datasheet
132Kb / 2P
Low VCE(SAT) 0.2V(Typ.) (IC/IB=-2A/-0.1mA).
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com