Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4511 Datasheet (PDF) - NXP Semiconductors

74HC4511 Datasheet PDF - NXP Semiconductors
Part # 74HC4511
Download  74HC4511 Download
File Size   80.13 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description BCD to 7-segment latch/decoder/driver

74HC4511 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4511 Datasheet PDF - NXP Semiconductors

Part # 74HC4511
Download  74HC4511 Click to download

File Size   80.13 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description BCD to 7-segment latch/decoder/driver

74HC4511 Datasheet (HTML) - NXP Semiconductors


74HC4511 Product details

GENERAL DESCRIPTION
The 74HC/HCT4511 are high-speed Si-gate CMOS devices and are pin compatible with “4511” of the “4000B” series. They are specified in compliance with JEDEC standard no. 7A.

FEATURES
• Latch storage of BCD inputs
• Blanking input
• Lamp test input
• Driving common cathode LED displays
• Guaranteed 10 mA drive capability per output
• Output capability: non-standard
• ICC category: MSI

APPLICATIONS
• Driving LED displays
• Driving incandescent displays
• Driving fluorescent displays
• Driving LCD displays
• Driving gas discharge displays




Similar Part No. - 74HC4511

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4511 NEXPERIA-74HC4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
74HC4511D NEXPERIA-74HC4511D Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results


Similar Description - 74HC4511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com