Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8230 Datasheet (PDF) - Analog Devices

AD8230 Datasheet PDF - Analog Devices
Part # AD8230
Download  AD8230 Download
File Size   400.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier

AD8230 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8230 Datasheet PDF - Analog Devices

Part # AD8230
Download  AD8230 Click to download

File Size   400.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier

AD8230 Datasheet (HTML) - Analog Devices


AD8230 Product details

GENERAL DESCRIPTION
The AD8230 is a low drift, differential sampling, precision instrumentation amplifier. Auto-zeroing reduces offset voltage drift to less than 50 nV/°C. The AD8230 is well-suited for thermocouple and bridge transducer applications. The AD8230’s high CMR of 110 dB (minimum) rejects line noise in measurements where the sensor is far from the instrumentation.
The 16 V rail-to-rail, common-mode input range is useful for noisy environments where ground potentials vary by several volts. Low frequency noise is kept to a minimal 3 μV p-p, making the AD8230 perfect for applications requiring the utmost dc precision. Moreover, the AD8230 maintains its high performance over the extended industrial temperature range of −40°C to +125°C.

FEATURES
   Resistor programmable gain range: 10 1 to 1000
   Supply voltage range: ±4 V to ±8 V
   Rail-to-rail input and output
   Maintains performance over −40°C to +125°C
   Excellent ac and dc performance
      110 dB minimum CMR @ 60 Hz, G = 10 to 1000
      10 μV maximum offset voltage (RTI, ±5 V operation)
      50 nV/°C maximum offset drift
      20 ppm maximum gain nonlinearity

APPLICATIONS
   Pressure measurements
   Temperature measurements
   Strain measurements
   Automotive diagnostics




Similar Part No. - AD8230

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8230-EVAL AD-AD8230-EVAL Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230YRZ-REEL1 AD-AD8230YRZ-REEL1 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230YRZ-REEL71 AD-AD8230YRZ-REEL71 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230YRZ1 AD-AD8230YRZ1 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results


Similar Description - AD8230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237 Datasheet
648Kb / 28P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com