Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237 Datasheet (PDF) - Analog Devices

AD8237 Datasheet PDF - Analog Devices
Part # AD8237
Download  AD8237 Download
File Size   648.78 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier

AD8237 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8237 Datasheet PDF - Analog Devices

Part # AD8237
Download  AD8237 Click to download

File Size   648.78 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier

AD8237 Datasheet (HTML) - Analog Devices


AD8237 Product details

GENERAL DESCRIPTION

The AD8237 is a micropower, zero drift, rail-to-rail input and output instrumentation amplifier. The relative match of two resistors sets any gain from 1 to 1000. The AD8237 has excellent gain accuracy performance that can be preserved at any gain with two ratio-matched resistors.



FEATURES

Gain set with 2 external resistors

  Can achieve low gain drift at all gains

Ideal for battery powered instruments

  Supply current: 115 µA

  Rail-to-rail input and output

  Zero input crossover distortion

Designed for excellent dc performance

  Minimum CMRR: 106 dB

  Maximum offset voltage drift: 0.3 µV/°C

  Maximum gain error: 0.005% (all gains)

  Maximum gain drift: 0.5 ppm/°C (all gains)

  Input bias current: 1 nA guaranteed to 125°C

Bandwidth mode pin (BW) to adjust compensation

8 kV HBM ESD rating

RFI filter on-chip

Single-supply operation: 1.8 V to 5.5 V

8-lead MSOP package



APPLICATIONS

Bridge amplification

Pressure measurement

Medical instrumentation

Thermocouple interface

Portable systems

Current measurement




Similar Part No. - AD8237

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8237ARMZ AD-AD8237ARMZ Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
AD8237ARMZ-R7 AD-AD8237ARMZ-R7 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
AD8237ARMZ-RL AD-AD8237ARMZ-RL Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
More results


Similar Description - AD8237

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
10/04-Revision 0
logo
Texas Instruments
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com