Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913XX25 Datasheet (PDF) - STMicroelectronics

RHFL4913XX25 Datasheet PDF - STMicroelectronics
Part # RHFL4913XX25_V01
Download  RHFL4913XX25 Download
File Size   1038.61 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard positive fixed voltage regulator

RHFL4913XX25 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHFL4913XX25 Datasheet PDF - STMicroelectronics

Part # RHFL4913XX25_V01
Download  RHFL4913XX25 Click to download

File Size   1038.61 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard positive fixed voltage regulator

RHFL4913XX25 Datasheet (HTML) - STMicroelectronics


RHFL4913XX25 Product details

Description
The RHFL4913XX25, RHFL4913XX33 and RHFL4913XX50 belong to a highperformance rad-hard positive fixed voltage regulator family. Available in various
hermetic ceramic packages, they are suitable for harsh environments. Input supply
range is up to 12 V. These devices are QML-V qualified, DLA SMD are 5962F02534 /
02535 / 02536.

Features
• 2 and 3 A low dropout voltage
• Embedded overtemperature and overcurrent protection
• Adjustable current limitation
• Output overload monitoring/signalling
• Fixed 2.5 V, 3.3 V, 5.0 V output voltages
• Inhibit (ON/OFF) TTL-compatible control
• Programmable output short-circuit current
• Remote sensing operation
• Rad-hard: tested up to 300 krad Mil Std 883E Method 1019.6 low dose rate
conditions
• Heavy Ion, SEL immune
• QML-V qualified, DLA SMD are 5962F02534 / 02535 / 02536




Similar Part No. - RHFL4913XX25_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
More results


Similar Description - RHFL4913XX25_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
05-May-2004
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
1.5 V rad-hard positive fixed voltage regulator
17-Dec-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com