Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000A Datasheet (PDF) - STMicroelectronics

RHFL6000A Datasheet PDF - STMicroelectronics
Part # RHFL6000A
Download  RHFL6000A Download
File Size   1158.96 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A rad-hard adjustable positive voltage regulator

RHFL6000A Datasheet (PDF)

Go To PDF Page Download Datasheet
RHFL6000A Datasheet PDF - STMicroelectronics

Part # RHFL6000A
Download  RHFL6000A Click to download

File Size   1158.96 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A rad-hard adjustable positive voltage regulator

RHFL6000A Datasheet (HTML) - STMicroelectronics


RHFL6000A Product details

Description
The RHFL6000A high-performance adjustable positive voltage regulator provides exceptional radiation performance. It is tested in accordance with MIL-STD-883J Method 1019.9, in ELDRS conditions. The device is available in the FLAT16P, a hermetic ceramic package, and the QMLV die is specifically designed for space and harsh radiation environments. A dedicated internal circuitry is implemented for absorbing output transients during SET events. The operating input voltage goes from 2.5 V to 12 V.




Similar Part No. - RHFL6000A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
RHFL6000LAKP01V STMICROELECTRONICS-RHFL6000LAKP01V Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
RHFL6000LAKP02V STMICROELECTRONICS-RHFL6000LAKP02V Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
RHFL6000LAKP1 STMICROELECTRONICS-RHFL6000LAKP1 Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results


Similar Description - RHFL6000A

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
Rad-hard adjustable negative voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
Rad-hard adjustable negative voltage regulator
07-Dec-2011
LEO3910 STMICROELECTRONICS-LEO3910 Datasheet
2Mb / 21P
Rad-hard plastic 2 A positive low drop voltage regulator
22-Feb-2022
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com