Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000A Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 3Page - STMicroelectronics RHFL6000A Datasheet HTML 4Page - STMicroelectronics RHFL6000A Datasheet HTML 5Page - STMicroelectronics RHFL6000A Datasheet HTML 6Page - STMicroelectronics RHFL6000A Datasheet HTML 7Page - STMicroelectronics RHFL6000A Datasheet HTML 8Page - STMicroelectronics RHFL6000A Datasheet HTML 9Page - STMicroelectronics RHFL6000A Datasheet HTML 10Page - STMicroelectronics RHFL6000A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
RHFL6000A
Pin configuration
DocID028379 Rev 2
7/31
Table 2: Pin description
Pin
name
FLAT-16P
Pin description
VO(1)
1, 2, 6, 7
Output port of the regulator.
VI(2)
3, 4, 5
Input port of the regulator.
GND
12, 13
Ground.
ISC
8
Current limit setting pin. Connect a resistor between this pin and VI to set
the current limit threshold.
OCM
10
Overcurrent monitor flag. Open collector, internally pulled up.
The signal on this pin goes to low logic level when the current limit
activates.
INHIBIT
14
Device Inhibit pin. Internally pulled-down.
The regulator is off when this pin is set at high logic level.
ADJ
15
Feedback pin. Connect to external resistor divider for output voltage
setting.
FILT C
9
Filter capacitor pin. An optional capacitor can be connected between this
pin and GND.
STAB
11
An optional R-C network can be connected between this pin and GND to
tune the internal control loop.
NC
16
Not internally connected.
Notes:
(1)All the output pins must be connected together on the PCB.
(2)All of input pins must be connected together on the PCB.
The upper metallic package lid is connected to ground. The bottom metallization
is electrically floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com