Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000A Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 13Page - STMicroelectronics RHFL6000A Datasheet HTML 14Page - STMicroelectronics RHFL6000A Datasheet HTML 15Page - STMicroelectronics RHFL6000A Datasheet HTML 16Page - STMicroelectronics RHFL6000A Datasheet HTML 17Page - STMicroelectronics RHFL6000A Datasheet HTML 18Page - STMicroelectronics RHFL6000A Datasheet HTML 19Page - STMicroelectronics RHFL6000A Datasheet HTML 20Page - STMicroelectronics RHFL6000A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
RHFL6000A
Device description
DocID028379 Rev 2
17/31
8
Device description
The RHFL6000A adjustable voltage regulator contains a PNP type power element
controlled by a signal resulting from an amplified comparison between the internal
temperature-compensated band-gap and the fraction of the desired output voltage value
obtained from an external resistor divider bridge. The device is protected by several
functional blocks.
8.1
ADJ pin
The feedback voltage necessary for the loop regulation comes from the load through an
external resistor divider (R1, R2 as in Figure 3: "Typical application diagram") whose mid
point is connected to the ADJ pin (allowing all possible output voltage settings as per user
requirements).
8.2
Inhibit ON-OFF control
By setting the INHIBIT pin to TTL high level , the device switches off. The device is in ON
state when the INHIBIT pin is set low. Since the INHIBIT pin is pulled down internally, it can
be left floating whenever the inhibit function is not used.
8.3
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The
device turns off when a temperature of approximately 175 °C is reached, returning to ON
mode when the temperature decreases down to approximately 135 °C.
It should be noted that when the internal temperature detector reaches 175 °C, the active
power element can be as high as 225 °C. Prolonged operation under these conditions may
exceed the maximum operating ratings and device reliability cannot be guaranteed.
8.4
Overcurrent protection
An default internal costant current limit is set at ISHORT = 3 A (when VO is at 0 V).
This value can be decreased via an external resistor (RSHORT) connected between the ISC
and VI
pins, with a typical value range of 10 kΩ to 200 kΩ.
To maintain optimal regulation, it is necessary to set ISHORT 1.6 times greater than the
desired maximum operating current (IO ). When IO reaches ISHORT
–300 mA, the current
limiter intervenes, VO starts to drop and the OCM flag is raised. When no current limitation
adjustment is required, the ISC pin must be left unbiased.
The combination of overcurrent and overtemperature circuits provides RHFL6000A with a
high level of protection against destructive junction temperature excursions in all load
conditions.
8.5
OCM pin
The OCM pin is an open collector flag normally pulled up at VI
by a 5 kΩ resistor.
It goes to low state when the current limit becomes active. It is buffered and can sink 10
mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com