Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000A Datasheet(PDF) 23 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 19Page - STMicroelectronics RHFL6000A Datasheet HTML 20Page - STMicroelectronics RHFL6000A Datasheet HTML 21Page - STMicroelectronics RHFL6000A Datasheet HTML 22Page - STMicroelectronics RHFL6000A Datasheet HTML 23Page - STMicroelectronics RHFL6000A Datasheet HTML 24Page - STMicroelectronics RHFL6000A Datasheet HTML 25Page - STMicroelectronics RHFL6000A Datasheet HTML 26Page - STMicroelectronics RHFL6000A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
RHFL6000A
Typical performance characteristics
DocID028379 Rev 2
23/31
Figure 13: Dropout voltage vs temperature
(IOUT = 1 A)
Figure 14: Dropout voltage vs temperature
(IOUT = 2 A)
Figure 15: Quiescent current (OFF mode)
Figure 16: Quiescent current (ON mode,
IOUT = 5 mA)
GIPD240620151103MT
0
100
200
300
400
500
600
100
Temperature ºC
120
140
-80
-60
-40
-20
0
20
40
60
80
700
800
900
1000
Vout=9V
Vout=2.5V
GIPD230620151454MT
500
600
700
800
900
1000
100
Temperature ºC
120
140
-80
-60
-40
-20
0
20
40
60
80
1400
1500
1600
1300
1200
1100
400
Vout=9V
Vout=2.5V
GIPD230620151442MT
500
600
700
800
900
100
Temperature ºC
120
140
-80
-60
-40
-20
0
20
40
60
80
1000
400
100
200
300
0
VIN = 2.5 V, VINH = 2.4 V
GIPD230620151432MT
0.005
0.006
0.007
0.008
100
Temperature ºC
120
140
-80
-60
-40
-20
0
20
40
60
80
0.004
0.001
0.002
0.003
0
VIN = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com