Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000A Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 9Page - STMicroelectronics RHFL6000A Datasheet HTML 10Page - STMicroelectronics RHFL6000A Datasheet HTML 11Page - STMicroelectronics RHFL6000A Datasheet HTML 12Page - STMicroelectronics RHFL6000A Datasheet HTML 13Page - STMicroelectronics RHFL6000A Datasheet HTML 14Page - STMicroelectronics RHFL6000A Datasheet HTML 15Page - STMicroelectronics RHFL6000A Datasheet HTML 16Page - STMicroelectronics RHFL6000A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
RHFL6000A
Radiations
DocID028379 Rev 2
13/31
6
Radiations
6.1
Total ionizing dose (MIL-STD-883 test method 1019)
The products that are guaranteed in radiation within RHA QML-V system, fully comply with
the MIL-STD-883 test method 1019 specification. The RHFL6000A is being RHA QML-V
qualified, tested and characterized in full compliance with the MIL-STD-883 specification,
both below 10 mrad/s (low dose rate) and between 50 and 300 rad/s (high dose rate).
Testing is performed in accordance with MIL-prf-38535 and the test method 1019 of
the MIL-STD-883 for total ionizing dose (TID).
ELDRS characterization is performed in qualification only on both biased and
unbiased parts, on a sample of ten units from two different wafer lots.
Each wafer lot is tested at high dose rate only, in the worst bias case condition, based
on the results obtained during the initial qualification.
Table 6: TID tests results
Type
Conditions
Value
Unit
TID
50 rad(Si)/s high dose rate up to
300
krad
10 mrad(Si)/s low dose rate up to (1)
100
ELDRS free up to (1)
100
Output voltage radiation drift
From 0 krad to 300 krad at 50 rad/s ,
MIL-STD-883J method 1019.9
<1.1
ppm/krad
Quiescent current
(ON state)
From 0 krad to 300 krad at 50 rad/s ,
MIL-STD-883J method 1019.9
VI = 2.5 V to 12 V, IO = 5 to 30 mA,
TJ = -55 to +125 °C
<15
mA
Notes:
(1)300 krad low dose rate test ongoing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com