Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000A Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 5Page - STMicroelectronics RHFL6000A Datasheet HTML 6Page - STMicroelectronics RHFL6000A Datasheet HTML 7Page - STMicroelectronics RHFL6000A Datasheet HTML 8Page - STMicroelectronics RHFL6000A Datasheet HTML 9Page - STMicroelectronics RHFL6000A Datasheet HTML 10Page - STMicroelectronics RHFL6000A Datasheet HTML 11Page - STMicroelectronics RHFL6000A Datasheet HTML 12Page - STMicroelectronics RHFL6000A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
RHFL6000A
Electrical characteristics
DocID028379 Rev 2
9/31
4
Electrical characteristics
TJ = 25 °C, VI = 2.5 V, VO = VADJ, CI = CO = 10 µF (tantalum), unless otherwise specified.
Table 5: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating
input voltage
IO = 1 A, TJ = -55 to 125 °C
2.5
12
V
VADJ
Reference
voltage
IO = 5 mA to 1 A, VO = Vadj,
TJ = -55 to 125 °C
1.205
1.245
1.285
V
ISHORT
Output current
limit (1)
Adjustable by external resistor
1
3
A
∆VO/∆VI Line regulation
VI = 2.5 V to 12 V, IO = 5 mA,
TJ = +25 °C
0.1
0.4
%
VI = 2.5 V to 12 V, IO = 5 mA,
TJ = -55 °C
0.2
0.5
VI = 2.5 V to 12 V, IO = 5 mA,
TJ = +125 °C
0.08
0.35
∆VO/ ∆IO Load regulation
VI = 2.5 V, IO = 5 to 400 mA,
TJ = +25 °C
0.02
0.4
%
VI = 2.5 V, IO = 5 to 400 mA,
TJ = -55 °C
0.2
0.5
VI = 2.5 V, IO = 5 to 400 mA,
TJ = +125 °C
0.03
0.3
VI = 2.5 V, IO = 5 mA to 1 A,
TJ = +25 °C
0.3
0.5
VI = 2.5 V, IO = 5 mA to 1 A,
TJ = -55 °C
0.3
0.6
VI = 2.5 V, IO = 5 mA to 1 A,
TJ = +125 °C
0.3
0.6
VI = 2.5 V, IO = 5 mA to 2 A,
TJ = -55 to 125 °C
0.6
ZOUT
Output
impedance
IO = 100 mA DC and 20 mA rms
100
mΩ
Iq
Quiescent
current (2)
ON mode
VI = 2.5 V to 12 V, IO = 5 mA,
TJ = +25 °C
7
mA
VI = 2.5 V to 12 V, IO = 30 mA,
TJ = +25 °C
7
VI = 2.5 V to 12 V, IO = 300 mA,
TJ = +25 °C
30
VI = 2.5 V to 12 V, IO = 1 A,
TJ = +25 °C
60
VI = 2.5 V to 12 V, IO = 30 mA,
TJ = -55 °C
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com