Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000A Datasheet(PDF) 14 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 10Page - STMicroelectronics RHFL6000A Datasheet HTML 11Page - STMicroelectronics RHFL6000A Datasheet HTML 12Page - STMicroelectronics RHFL6000A Datasheet HTML 13Page - STMicroelectronics RHFL6000A Datasheet HTML 14Page - STMicroelectronics RHFL6000A Datasheet HTML 15Page - STMicroelectronics RHFL6000A Datasheet HTML 16Page - STMicroelectronics RHFL6000A Datasheet HTML 17Page - STMicroelectronics RHFL6000A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Radiations
RHFL6000A
14/31
DocID028379 Rev 2
6.2
Heavy Ions
The heavy ions trials are performed on qualification lots only. No additional test is
performed. Table 7 summarizes the results of heavy ions tests.
Table 7: Heavy ions results
Feature
Conditions
Value
Unit
SEL/B performance
LET = 120 MeV*cm2/mg
VI = 12 V
No latchup/burnout
-
SET performance
during events
LET = 32 MeV*cm2/mg
Saturated cross-section = 6.18*10-5 cm²
VIN up to 9 V
VI - VO
≤ 7.5 V
IOUT < 300 mA
± 15% max over less
than 300 ns
% of VO
LET = 120 MeV*cm2/mg
VIN up to 12 V
VI - VO < 3.0 V
IOUT < 300 mA
No SET above ± 3%
LET = 120 MeV*cm2/mg
VIN up to 4 V
VI - VO < 1.5 V
IOUT < 1 A
No SET above ± 3.3%
SEL and SET performances described here below are related to the circuit configuration
and bias conditions shown in Figure 4: "Heavy Ion test configuration" and Table 8: "Bias
configurations" and Table 9: "Test configurations".
Figure 4: Heavy Ions test configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com