Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet (PDF) - STMicroelectronics

RHFL6000L Datasheet PDF - STMicroelectronics
Part # RHFL6000L
Download  RHFL6000L Download
File Size   1880.7 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A Rad-hard adjustable positive linear voltage regulator

RHFL6000L Datasheet (PDF)

Go To PDF Page Download Datasheet
RHFL6000L Datasheet PDF - STMicroelectronics

Part # RHFL6000L
Download  RHFL6000L Click to download

File Size   1880.7 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A Rad-hard adjustable positive linear voltage regulator

RHFL6000L Datasheet (HTML) - STMicroelectronics


RHFL6000L Product details

Features
• Input voltage range from 2.5 V to 12 V
• Adjustable output voltage from 0.6 V to 9 V
• 2 A guaranteed output current
• Low dropout voltage: 0.3 V typ. @ 0.4 A
• Embedded overtemperature and overcurrent protection
• Adjustable overcurrent limitation
• Output overload monitoring/signalling
• Internal control loop accessible via an external pin, optional, providing flexibility
for stability margin tuning
• Inhibit (ON/OFF) TTL compatible control
• Programmable output short-circuit current
• Remote sensing operation
• Rad-hard: guaranteed up to 300 krad MIL-STD-883J method 1019.9 high dose
rate and 0.01 rad/s in ELDRS conditions
• Radiation environment: SET/SEL/SEB:
- SEL free @ LET=120 MeV/cm²/mg
- SET: less than 3.3% of VOUT@ 120 MeV
• Heavy-ions SET dedicated internal circuitry implemented for absorbing output
transient
• Operating junction temperature range: -55 °C to 125 °C

Description
The RHFL6000L high-performance adjustable positive voltage regulator provides
exceptional radiation performance. It is tested in accordance with MIL-STD-883J
method 1019.9, in ELDRS conditions. The device is available in the Flat-16P, a
hermetic ceramic package. A dedicated internal circuitry is implemented to absorb
output transients during SET events. The operating input voltage goes from 2.5 V to
12 V.
The RHFL6000L is an upgraded version of the RHFL6000A and is intended to
extend the range of the regulated output voltages down to 0.6 V.




Similar Part No. - RHFL6000L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
RHFL6000AKP01V STMICROELECTRONICS-RHFL6000AKP01V Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
RHFL6000AKP02V STMICROELECTRONICS-RHFL6000AKP02V Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
RHFL6000AKP1 STMICROELECTRONICS-RHFL6000AKP1 Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
More results


Similar Description - RHFL6000L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5810RH ANAREN-MSK5810RH Datasheet
1Mb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5821RH ANAREN-MSK5821RH Datasheet
297Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5824RH ANAREN-MSK5824RH Datasheet
495Kb / 8P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5972RH ANAREN-MSK5972RH Datasheet
472Kb / 8P
RAD HARD 1.5A, ADJUSTABLE LINEAR REGULATOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com