Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 4Page - STMicroelectronics RHFL6000L Datasheet HTML 5Page - STMicroelectronics RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics RHFL6000L Datasheet HTML 10Page - STMicroelectronics RHFL6000L Datasheet HTML 11Page - STMicroelectronics RHFL6000L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Figure 5. Typical application diagram for Vout < 1.25 V
Vi
INHIBIT
Isc
FILT C
GND
STAB
OCM
ADJ
Vo
RHFL6000L
OFF
ON
VIN
VOUT
IN+
Rload
Cin
Cfilt
Cout
R1
R2
Rsc
When VO < 1.25 V is required in the application, the divider resistor pair R2 and R1 are connected between
FILT_C, IN+ (middle point), and GND pins respectively, as shown in Figure 5. Typical application diagram for Vout
< 1.25 V and Figure 6. Detailed regulation loop diagram. VO is externally shorted to the ADJ/SENSE pin (as in
the typical control loop arranged in unity-gain feedback). Therefore, in this case, the output value (VO < 1.25 V) is
generated upstream to the error amplifier by fractioning the VBG value (available on FILT_C pin) according to the
ratio of the resistor divider composed by R1 and R2.
Figure 6. Detailed regulation loop diagram
+
_
Bandgap
loop
control
loop
VIN
VBG
2KΩ
R FILT_C
R2 ext
R1ext
C FILT_C
IR2ext
IIN+
VIN
VOUT
VREF
With reference to Figure 6. Detailed regulation loop diagram, the ideal scenario for the voltage at IN+, let us call it
VREF, is to get as close as possible to:
RHFL6000L
Typical application diagram
DS14125 - Rev 1
page 8/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com