Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 27 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 27 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 20Page - STMicroelectronics RHFL6000L Datasheet HTML 21Page - STMicroelectronics RHFL6000L Datasheet HTML 22Page - STMicroelectronics RHFL6000L Datasheet HTML 23Page - STMicroelectronics RHFL6000L Datasheet HTML 24Page - STMicroelectronics RHFL6000L Datasheet HTML 25Page - STMicroelectronics RHFL6000L Datasheet HTML 26Page - STMicroelectronics RHFL6000L Datasheet HTML 27Page - STMicroelectronics RHFL6000L Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin configuration (top view) ........................................................... 3
Figure 3.
Typical application diagram for Vout > 1.25 V ............................................... 7
Figure 4.
Typical application diagram for Vout = 1.25 V ............................................... 7
Figure 5.
Typical application diagram for Vout < 1.25 V ............................................... 8
Figure 6.
Detailed regulation loop diagram........................................................ 8
Figure 7.
Heavy-ion test configuration for VOUT < 1.25 V ............................................. 11
Figure 8.
Output voltage vs. temperature (VIN = 2.5 V, IOUT = 5 mA) ..................................... 17
Figure 9.
Output voltage vs. temperature (VIN = 2.5 V, IOUT = 400 mA) ................................... 17
Figure 10.
Output voltage vs. temperature (VIN = 2.5 V IOUT = 1 A)....................................... 17
Figure 11.
Output voltage vs. temperature (VIN = 2.5 V IOUT = 2 A)....................................... 17
Figure 12.
Line regulation vs. temperature........................................................ 17
Figure 13.
Load regulation vs. temperature (IOUT = 5 mA to 400 mA) ..................................... 17
Figure 14.
Load regulation vs. temperature (IOUT = 5 mA to 1 A, VIN = 2.5 V)................................ 18
Figure 15.
Dropout voltage vs. temperature (IOUT = 0.4 A)............................................. 18
Figure 16.
Dropout voltage vs. temperature (IOUT = 1 A) .............................................. 18
Figure 17.
Dropout voltage vs. temperature (IOUT = 2 A) .............................................. 18
Figure 18.
Quiescent current (OFF mode) ........................................................ 18
Figure 19.
Quiescent current (ON mode, IOUT = 5 mA) ............................................... 18
Figure 20.
Quiescent current (ON mode, IOUT = 1 A) ................................................ 19
Figure 21.
Quiescent current (ON mode, IOUT = 2 A) ................................................ 19
Figure 22.
Short-circuit current vs. RSHORT ....................................................... 19
Figure 23.
SVR vs. frequency ................................................................ 19
Figure 24.
SVR vs. frequency (T = 90 °C) ........................................................ 19
Figure 25.
Turn-on transient ................................................................. 19
Figure 26.
Turn-off transient ................................................................. 20
Figure 27.
Line transient (IOUT = 0.8 A, VOUT = 3 V) ................................................. 20
Figure 28.
Line transient (IOUT = 2 A, VOUT = 2.5 V) ................................................. 20
Figure 29.
Load transient ................................................................... 20
Figure 30.
Stability area for ceramic capacitor ..................................................... 20
Figure 31.
Stability area for tantalum capacitor..................................................... 20
Figure 32.
FLAT-16P package outline ........................................................... 21
RHFL6000L
List of figures
DS14125 - Rev 1
page 27/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com